Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP275AQDRQ1 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części TMP275AQDRQ1
Szczegółowy opis  Automotive Grade Temperature Sensor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMP275AQDRQ1 Arkusz danych(HTML) 3 Page - Texas Instruments

  TMP275AQDRQ1 Datasheet HTML 1Page - Texas Instruments TMP275AQDRQ1 Datasheet HTML 2Page - Texas Instruments TMP275AQDRQ1 Datasheet HTML 3Page - Texas Instruments TMP275AQDRQ1 Datasheet HTML 4Page - Texas Instruments TMP275AQDRQ1 Datasheet HTML 5Page - Texas Instruments TMP275AQDRQ1 Datasheet HTML 6Page - Texas Instruments TMP275AQDRQ1 Datasheet HTML 7Page - Texas Instruments TMP275AQDRQ1 Datasheet HTML 8Page - Texas Instruments TMP275AQDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
SDA
SCL
ALERT
GND
V+
A0
A1
A2
1
2
3
4
8
7
6
5
3
TMP275-Q1
www.ti.com
SBOS760A – NOVEMBER 2015 – REVISED JANUARY 2016
Product Folder Links: TMP275-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D, DGK Packages
8-Pin SOIC, VSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
SDA
I/O
Serial data. Open-drain output; requires a pullup resistor.
2
SCL
I
Serial clock. Open-drain output; requires a pullup resistor.
3
ALERT
O
Overtemperature alert. Open-drain output; requires a pullup resistor.
4
GND
Ground
5
A2
I
Address select. Connect to GND or V+.
6
A1
I
7
A0
I
8
V+
I
Supply voltage, 2.7 V to 5.5 V


Podobny numer części - TMP275AQDRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP275AID TI-TMP275AID Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
TMP275AIDG4 TI-TMP275AIDG4 Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
logo
Burr-Brown (TI)
TMP275AIDGKR BURR-BROWN-TMP275AIDGKR Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
logo
Texas Instruments
TMP275AIDGKR TI-TMP275AIDGKR Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
logo
Burr-Brown (TI)
TMP275AIDGKRG4 BURR-BROWN-TMP275AIDGKRG4 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
More results

Podobny opis - TMP275AQDRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
CGA2B2NP01H181J050BA TDK-CGA2B2NP01H181J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA2B2NP01H271J050BA TDK-CGA2B2NP01H271J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1E224K125AA TDK-CGA4J2X8R1E224K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1H104K125AA TDK-CGA4J2X8R1H104K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA5H2NP01H473J115AA TDK-CGA5H2NP01H473J115AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA6N3NP02E333J230AA TDK-CGA6N3NP02E333J230AA Datasheet
238Kb / 1P
   Automotive Grade ( High Temperature Application ) )
CGA6N2NP02A473J230AA TDK-CGA6N2NP02A473J230AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA9N4NP02E154J230KN TDK-CGA9N4NP02E154J230KN Datasheet
239Kb / 1P
   Automotive Grade ( High Temperature Application ) )
CGA2B2NP01H3R3C050BA TDK-CGA2B2NP01H3R3C050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA2B2NP01H030C050BA TDK-CGA2B2NP01H030C050BA Datasheet
130Kb / 1P
   Automotive Grade ( High Temperature Application )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com