Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP103FYFFR Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TMP103FYFFR
Szczegółowy opis  Low-Power, Digital Temperature Sensor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMP103FYFFR Arkusz danych(HTML) 4 Page - Texas Instruments

  TMP103FYFFR Datasheet HTML 1Page - Texas Instruments TMP103FYFFR Datasheet HTML 2Page - Texas Instruments TMP103FYFFR Datasheet HTML 3Page - Texas Instruments TMP103FYFFR Datasheet HTML 4Page - Texas Instruments TMP103FYFFR Datasheet HTML 5Page - Texas Instruments TMP103FYFFR Datasheet HTML 6Page - Texas Instruments TMP103FYFFR Datasheet HTML 7Page - Texas Instruments TMP103FYFFR Datasheet HTML 8Page - Texas Instruments TMP103FYFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
TMP103
SBOS545B – FEBRUARY 2011 – REVISED JANUARY 2016
www.ti.com
6.4 Thermal Information
TMP103
THERMAL METRIC(1)
YFF (DSBGA)
UNIT
4 BALLS
RθJA
Junction-to-ambient thermal resistance
160
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
75
°C/W
RθJB
Junction-to-board thermal resistance
76
°C/W
ψJT
Junction-to-top characterization parameter
3
°C/W
ψJB
Junction-to-board characterization parameter
74
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
at TA = 25°C and V
+ = 1.4 V to 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Range
–40
125
°C
–2
0
2
°C
–10°C to 100°C, V+ = 1.8 V
Accuracy (temperature error)
–3
±1
3
°C
–40°C to 125°C, V+ = 1.8 V
vs supply
–0.5
±0.2
0.5
°C/V
Resolution
1
°C
DIGITAL INPUT/OUTPUT
VIH
V
0.7 (V+)
V+
Input logic levels
VIL
–0.5
V
0.3 (V+)
Input current
IIN
1
μA
0 < VIN < (V
+) + 0.3 V
0
0.4
V
V+ > 2 V, IOL = 2 mA
Output logic levels
VOL SDA
0
V
V+ < 2 V, IOL = 2 mA
0.2 (V+)
Resolution
8
Bit
Conversion time
26
35
ms
CR1 = 0, CR0 = 0 (default)
0.25
Conv/s
CR1 = 0, CR0 = 1
1
Conv/s
Conversion modes
CR1 = 1, CR0 = 0
4
Conv/s
CR1 = 1, CR0 = 1
8
Conv/s
Timeout time
30
40
ms
POWER SUPPLY
Operating supply range
1.4
3.6
V
1.5
3
μA
Serial bus inactive, CR1 = 0, CR0 = 0 (default), V+ = 1.8 V
Quiescent current
IQ
Serial bus active, SCL frequency = 400 kHz
15
μA
Serial bus active, SCL frequency = 3.4 MHz
85
μA
0.5
1
μA
Serial bus inactive, V+ = 1.8 V
Shutdown current
ISD
Serial bus active, SCL frequency = 400 kHz
10
μA
Serial bus active, SCL frequency = 3.4 MHz
80
μA
TEMPERATURE
Specified range
–40
125
°C
Operating range
–55
150
°C
4
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: TMP103


Podobny numer części - TMP103FYFFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP103FYFFR TI-TMP103FYFFR Datasheet
472Kb / 23P
[Old version datasheet]   Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
More results

Podobny opis - TMP103FYFFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP102 TI1-TMP102 Datasheet
958Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor
TMP102-Q1 TI1-TMP102-Q1 Datasheet
921Kb / 29P
[Old version datasheet]   Low-Power Digital Temperature Sensor
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensor
logo
ON Semiconductor
N34TS108 ONSEMI-N34TS108 Datasheet
326Kb / 16P
   Low?륷oltage Digital Temperature Sensor
February, 2020 ??Rev. 1
logo
Texas Instruments
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI-HDC1050_15 Datasheet
818Kb / 25P
[Old version datasheet]   HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
[Old version datasheet]   HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
[Old version datasheet]   HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com