Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3144D2 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3144D2
Szczegółowy opis  6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3144D2 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TPA3144D2 Datasheet HTML 7Page - Texas Instruments TPA3144D2 Datasheet HTML 8Page - Texas Instruments TPA3144D2 Datasheet HTML 9Page - Texas Instruments TPA3144D2 Datasheet HTML 10Page - Texas Instruments TPA3144D2 Datasheet HTML 11Page - Texas Instruments TPA3144D2 Datasheet HTML 12Page - Texas Instruments TPA3144D2 Datasheet HTML 13Page - Texas Instruments TPA3144D2 Datasheet HTML 14Page - Texas Instruments TPA3144D2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
TPA3144D2
www.ti.com
SLOS907B – APRIL 2015 – REVISED JULY 2015
9 Detailed Description
9.1 Overview
To facilitate system design, the TPA3144D2 needs only a single power supply between 4.5 V and 14.4 V for
operation. An internal voltage regulator provides suitable voltage levels for the gate driver, digital and low-voltage
analog circuitry. Additionally, all circuitry requiring a floating voltage supply, that is, the high-side gate drive, is
accommodated by built-in bootstrap circuitry with integrated boot strap diodes requiring only an external
capacitor for each half-bridge.
The audio signal path, including the gate drive and output stage is designed as identical, independent full-
bridges. Special attention should be paid to placing all decoupling capacitors as close to their associated pins as
possible. In general, the physical loop with the power supply pins, decoupling capacitors and GND return path to
the device pins must be kept as short as possible and with as little area as possible to minimize induction (see
reference board documentation for additional information).
For a properly functioning bootstrap circuit, a small ceramic capacitor must be connected from each bootstrap pin
(BSXX) to the power-stage output pin (OUTXX). When the power-stage output is low, the bootstrap capacitor is
charged through an internal diode connected between the gate-drive power-supply pin (GVDD) and the bootstrap
pins. When the power-stage output is high, the bootstrap capacitor potential is shifted above the output potential
and thus provides a suitable voltage supply for the high-side gate driver. In an application with PWM switching
frequencies in the range from 310 kHz, it is recommended to use ceramic capacitors with at least 220-nF
capacitance, size 0603 or 0805, for the bootstrap supply. These capacitors ensure sufficient energy storage,
even during clipped low frequency audio signals, to keep the high-side power stage FET (LDMOS) fully turned on
during the remaining part of its ON cycle.
Special attention should be paid to the power-stage power supply; this includes component selection, PCB
placement, and routing. For optimal electrical performance, EMI compliance, and system reliability, it is important
that each PVCC pin is decoupled with ceramic capacitors placed as close as possible to each supply pin. It is
recommended to follow the PCB layout of the TPA3144D2 reference design. For additional information on
recommended power supply and required components, see the application diagrams in this data sheet.
The PVCC power supply should have low output impedance and low noise. The power-supply ramp and SD
release sequence is not critical for device reliability as facilitated by the internal power-on-reset circuit, but it is
recommended to release SD after the power supply is settled for minimum turn on audible artifacts.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPA3144D2


Podobny numer części - TPA3144D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3144D2 TI-TPA3144D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3144D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
More results

Podobny opis - TPA3144D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3137D2 TI1-TPA3137D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3137D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3136D2 TI1-TPA3136D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3144D2 TI-TPA3144D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3144D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3136D2 TI1-TPA3136D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3136D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3005D2 TI-TPA3005D2 Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2_15 Datasheet
927Kb / 31P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3140D2 TI-TPA3140D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3140D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com