Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3250D2DDW Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3250D2DDW
Szczegółowy opis  70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3250D2DDW Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TPA3250D2DDW Datasheet HTML 5Page - Texas Instruments TPA3250D2DDW Datasheet HTML 6Page - Texas Instruments TPA3250D2DDW Datasheet HTML 7Page - Texas Instruments TPA3250D2DDW Datasheet HTML 8Page - Texas Instruments TPA3250D2DDW Datasheet HTML 9Page - Texas Instruments TPA3250D2DDW Datasheet HTML 10Page - Texas Instruments TPA3250D2DDW Datasheet HTML 11Page - Texas Instruments TPA3250D2DDW Datasheet HTML 12Page - Texas Instruments TPA3250D2DDW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
TPA3250D2
www.ti.com
SLASE99 – DECEMBER 2015
7.7 Audio Characteristics (SE)
PCB and system configuration are in accordance with recommended guidelines. Audio frequency = 1 kHz, PVDD_X = 32 V,
GVDD_X = 12 V, RL = 4 Ω, fS = 450 kHz, ROC = 22 kΩ, TA = 25°C, Output Filter: LDEM = 15 μH, CDEM = 1 µF, MODE = 11,
AES17 + AUX-0025 measurement filters, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
RL = 4 Ω, 10% THD+N
33
RL = 3 Ω, 10% THD+N
42
PO
Power output per channel
W
RL = 4 Ω, 1% THD+N
27
RL = 3 Ω, 1% THD+N
34
THD+N
Total harmonic distortion + noise
1 W
0.015%
A-weighted, AES17 filter, Input Capacitor
Vn
Output integrated noise
111
μV
Grounded
SNR
Signal to noise ratio(1)
A-weighted
100
dB
DNR
Dynamic range
A-weighted
100
dB
Pidle
Power dissipation due to idle losses (IPVDD_X)
PO = 0, 4 channels switching
(2)
0.5
W
(1)
SNR is calculated relative to 1% THD+N output level.
(2)
Actual system idle losses are affected by core losses of output inductors.
7.8 Audio Characteristics (PBTL)
PCB and system configuration are in accordance with recommended guidelines. Audio frequency = 1 kHz, PVDD_X = 32 V,
GVDD_X = 12 V, RL = 4 Ω, fS = 450 kHz, ROC = 22 kΩ, TA = 25°C, Output Filter: LDEM = 10 μH, CDEM = 1 µF, MODE = 10,
AES17 + AUX-0025 measurement filters, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
RL = 8 Ω, 10% THD+N
75
RL = 4 Ω, 10% THD+N
145
RL = 3 Ω, 10% THD+N
189
PO
Power output per channel
W
RL = 8 Ω, 1% THD+N
60
RL = 4 Ω, 1% THD+N
115
RL = 3 Ω, 1% THD+N
150
THD+N
Total harmonic distortion + noise
1 W
0.015%
A-weighted, AES17 filter, Input Capacitor
Vn
Output integrated noise
62
μV
Grounded
SNR
Signal to noise ratio(1)
A-weighted
112
dB
DNR
Dynamic range
A-weighted
107
dB
Pidle
Power dissipation due to idle losses (IPVDD_X)
PO = 0, 4 channels switching
(2)
0.6
W
(1)
SNR is calculated relative to 1% THD+N output level.
(2)
Actual system idle losses are affected by core losses of output inductors.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPA3250D2


Podobny numer części - TPA3250D2DDW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3250D2DDW TI1-TPA3250D2DDW Datasheet
776Kb / 41P
[Old version datasheet]   130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250D2DDWR TI1-TPA3250D2DDWR Datasheet
776Kb / 41P
[Old version datasheet]   130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
More results

Podobny opis - TPA3250D2DDW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
[Old version datasheet]   130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3244 TI1-TPA3244 Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com