Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3250D2DDWR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3250D2DDWR
Szczegółowy opis  70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3250D2DDWR Arkusz danych(HTML) 1 Page - Texas Instruments

  TPA3250D2DDWR Datasheet HTML 1Page - Texas Instruments TPA3250D2DDWR Datasheet HTML 2Page - Texas Instruments TPA3250D2DDWR Datasheet HTML 3Page - Texas Instruments TPA3250D2DDWR Datasheet HTML 4Page - Texas Instruments TPA3250D2DDWR Datasheet HTML 5Page - Texas Instruments TPA3250D2DDWR Datasheet HTML 6Page - Texas Instruments TPA3250D2DDWR Datasheet HTML 7Page - Texas Instruments TPA3250D2DDWR Datasheet HTML 8Page - Texas Instruments TPA3250D2DDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Po - Output Power - W
0.001
0.01
0.1
1
10
10m
100m
1
10
100
D000
T A = 25qC
8:
Power Supply
110VAC->240VAC
TAS5630
36V
TPA3250D2
Audio
Source
And Control
RIGHT
LEFT
LC
Filter
LC
Filter
/RESET
/FAULT
M1:M2
FREQ_ADJ
OSC_IO
/CLIP_OTW
Operation Mode Select
Switching Frequency Select
12V
Master/Slave Synchronization
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPA3250D2
SLASE99 – DECEMBER 2015
TPA3250D2 70-W Stereo, 130-W peak PurePath™ Ultra-HD Pad Down Class-D Amplifier
1 Features
EMI Compliant When Used With Recommended
System Design
1
Differential Analog Inputs
Total Output Power at 10%THD+N
2 Applications
70-W Stereo Continuous into 8
Ω in BTL
High End Soundbar
Configuration at 32 V
Mini Combo Systems
130-W Stereo Peak into 4
Ω in BTL
Blu-ray Disk™ / DVD Receivers
Configuration at 32 V
Active Speakers
Total Output Power at 1%THD+N
60-W Stereo Continuous into 8
Ω in BTL
3 Description
Configuration at 32 V
TPA3250D2 is a high performance class-D power
105-W Stereo Peak into 4
Ω in BTL
amplifier that enables true premium sound quality
Configuration at 32 V
with class-D efficiency. It features an advanced
Advanced Integrated Feedback Design with High-
integrated feedback design and proprietary high-
speed gate driver error correction (PurePath™ Ultra-
speed Gate Driver Error Correction
HD). This technology allows ultra low distortion
(PurePath™ Ultra-HD)
across the audio band and superior audio quality.
Signal Bandwidth up to 100 kHz for High
With a 32V power supply the device can drive up to 2
Frequency Content From HD Sources
x 130 W peak into 4-
Ω load and 2 x 70 W continuous
Ultra Low 0.005% THD+N at 1 W into 4
Ω and
into 8-
Ω load and features a 2 VRMS analog input
<0.01% THD+N to Clipping
interface
that
works
seamlessly
with
high
performance DACs such as TI's PCM5242. In
60 dB PSRR (BTL, No Input Signal)
addition to excellent audio performance, TPA3250D2
<60 µV (A-Weighted) Output Noise
achieves both high power efficiency and very low
>110 dB (A Weighted) SNR
power stage idle losses below 1 W. This is achieved
through the use of 60 m
Ω MOSFETs and an
Multiple Configurations Possible:
optimized
gate
driver
scheme
that
achieves
Stereo, Mono, 2.1 and 4xSE
significantly lower idle losses than typical discrete
Click and Pop Free Startup and Stop
implementations.
92% Efficient Class-D Operation (8
Ω)
Device Information(1)
Wide 12-V to 36-V Supply Voltage Operation
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Self-Protection Design (Including Undervoltage,
TPA3250D2
HTSSOP (44)
6.10mm x 14.00mm
Overtemperature, Clipping, and Short Circuit
(1) For all available packages, see the orderable addendum at
Protection) With Error Reporting
the end of the datasheet.
Simplified Schematic
Total Harmonic Distortion
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - TPA3250D2DDWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3250D2DDWR TI1-TPA3250D2DDWR Datasheet
776Kb / 41P
[Old version datasheet]   130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
More results

Podobny opis - TPA3250D2DDWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
[Old version datasheet]   130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3244 TI1-TPA3244 Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com