Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP6KE15A Arkusz danych(PDF) 5 Page - Littelfuse

Numer części TP6KE15A
Szczegółowy opis  Hi reliability application and automotive grade AEC-Q101 qualified
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TP6KE15A Arkusz danych(HTML) 5 Page - Littelfuse

  TP6KE15A Datasheet HTML 1Page - Littelfuse TP6KE15A Datasheet HTML 2Page - Littelfuse TP6KE15A Datasheet HTML 3Page - Littelfuse TP6KE15A Datasheet HTML 4Page - Littelfuse TP6KE15A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
890
TVS Diodes
TP6KE Series
Axial Leaded – 600W > TP6KE series
©2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/08/15
Part Numbering System
Packaging
Part Number
Component
Package
Quantity
Packaging
Option
Packaging Specification
TP6KExxxXX
DO-204AC
4000
Tape & Reel
EIA STD RS-296
TP6KExxxXX-B
DO-204AC
1000
BULK
Littelfuse Spec.
OPTION CODE:
BLANK Reel Tape
-B Bulk Packaging
SERIES CODE
TP6KE xxx XXX
TYPE CODE:
A Uni-Directional (5% V
BR Voltage Tolerance)
CA Bi-Directional (5%
V
BR Voltage Tolerance)
V
BR VOLTAGE CODE
(Refer to the Electrical Characteristics table)
Part Marking System
TP6KEXXX
YYWW
Trace Code Marking
YY:Year Code
WW: Week Code
Product Type
Littelfuse Logo
Cathode Band
(for Uni-directional
products only)
Tape and Reel Specification
2.063+0.079/-0.039
2.56
0.197+/-0.020
2.75
0.047
(330.2)
Recess Depth Max. 0.75 (19.05)
Off Center
either side
0.028(0.7)
Dimensions are in
inches/mm
0.236
(65.0)
(5.0+/- 0.5)
(53.0+2.0/-1.0)
(6.0)
(1.2)
(69.85)
13.0
(76.2)
3.0
0.68
(17.27)
Direction of Feed
5


Podobny numer części - TP6KE15A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
TP6KE LITTELFUSE-TP6KE Datasheet
947Kb / 5P
   specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
More results

Podobny opis - TP6KE15A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TN3050H-12WY STMICROELECTRONICS-TN3050H-12WY Datasheet
394Kb / 9P
   AEC-Q101 qualified
October 2016 Rev 2
STB100NF04T4 STMICROELECTRONICS-STB100NF04T4 Datasheet
1Mb / 20P
   AEC-Q101 qualified
November 2016 Rev 7
logo
Littelfuse
AQ1006 LITTELFUSE-AQ1006 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
STMicroelectronics
STH275N8F7-2AG STMICROELECTRONICS-STH275N8F7-2AG Datasheet
889Kb / 18P
   AEC-Q101 qualified
January 2017 Rev 4
logo
Littelfuse
AQ1026 LITTELFUSE-AQ1026 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
Diodes Incorporated
DMN3008SFG DIODES-DMN3008SFG Datasheet
511Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMNH4011SPSQ DIODES-DMNH4011SPSQ Datasheet
552Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1012UCB9 DIODES-DMP1012UCB9 Datasheet
237Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMTH6005LCT DIODES-DMTH6005LCT Datasheet
320Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMN2005UFG DIODES-DMN2005UFG Datasheet
518Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com