Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54ACTQ573D Arkusz danych(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części 54ACTQ573D
Szczegółowy opis  Quiet Series Octal Latch with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ573D Arkusz danych(HTML) 6 Page - National Semiconductor (TI)

  54ACTQ573D Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ573D Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ573D Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ573D Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ573D Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ573D Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ573D Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ573D Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AC Electrical Characteristics
54ACTQ
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 15)
C
L = 50 pF
Min
Max
t
PHL,
Propagation Delay
5.0
1.5
10.0
ns
t
PLH
D
n to On
t
PLH,
Propagation Delay
5.0
1.5
11.0
ns
t
PHL
LE to O
n
t
PZL,tPZH
Output Enable Time
5.0
1.5
11.0
ns
t
PHZ,tPLZ
Output Disable Time
5.0
1.5
11.0
ns
Note 15: Voltage Range 5.0 is 5.0V ±0.5V
AC Operating Requirements
54ACTQ
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 16)
C
L = 50 pF
Guaranteed Minimum
t
S
Setup Time, HIGH or LOW
5.0
3.5
ns
D
n to LE
t
H
Hold Time, HIGH or LOW
5.0
1.5
ns
D
n to LE
t
W
LE Pulse Width, HIGH
5.0
5.0
ns
Note 16: Voltage Range 5.0 is 5.0V ±0.5V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation
42.0
pF
V
CC = 5.0V
Capacitance
www.national.com
6


Podobny numer części - 54ACTQ573D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
54ACTQ573 TI1-54ACTQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
More results

Podobny opis - 54ACTQ573D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
54ACTQ533 NSC-54ACTQ533 Datasheet
156Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACQ573 FAIRCHILD-74ACQ573 Datasheet
126Kb / 12P
   Quiet Series Octal Latch with 3-STATE Outputs
74ACQ573 FAIRCHILD-74ACQ573_07 Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACTQ563 FAIRCHILD-74ACTQ563 Datasheet
58Kb / 7P
   Quiet Series??Octal Latch with 3-STATE Outputs
logo
National Semiconductor ...
54ACT563 NSC-54ACT563 Datasheet
159Kb / 6P
   Octal Latch with TRI-STATE Outputs
54ACT573 NSC-54ACT573 Datasheet
159Kb / 10P
   Octal Latch with TRI-STATE Outputs
54ACTQ543 NSC-54ACTQ543 Datasheet
156Kb / 10P
   Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com