Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL1010A470 Arkusz danych(PDF) 2 Page - Littelfuse

Numer części SL1010A470
Szczegółowy opis  Gas Discharge Tubes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1010A470 Arkusz danych(HTML) 2 Page - Littelfuse

  SL1010A470 Datasheet HTML 1Page - Littelfuse SL1010A470 Datasheet HTML 2Page - Littelfuse SL1010A470 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Gas Discharge Tubes
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/06/15
SL1010A Series
Electrical Characteristics
Product Characteristics
Materials
Construction: Ceramic Insulator
Device Finish: Dull Tin-plated
17.5 +/- 12.5 microns
Product Marking Littelfuse 'LF' Mark, voltage and date code
Glow to Arc Transition Current
~1 Amp
Glow Voltage
~60 Volts
Storage and Operational Temperature
-40 to +90°C
Notes:
1. At delivery AQL 0.65 level II, DIN ISO 2859
2. In ionized mode, tested according to ITU-T Rec. K.12
3. Comparable to the silicon measurement Switching Voltage (Vs)
4. Total current through center electrode at 10kA, through side electrode respectively at 5kA
Part Number
Device Specifications (at 25°C)
DC Breakdown
in Volts1,2,3
(@100V/s)
Impulse
Breakdown in
Volts2,3 (@100V/µs)
Impulse
Breakdown In
Volts2,3
(@1kV/µs)
Insulation
Resistance
Capacitance
(@1MHz 0V Bias)
Arc
Voltage
(on state Voltage)
@1Amp Min
Nominal Impulse
Discharge
Current
(x10@8/20µs)
Nominal Impulse
Discharge Current
(x1@10/350µs)
MIN
TYP
MAX
MAX
MIN
MAX
SL1010A075
60
75
90
450
600
>1GΩ
(at 50VDC)
<1.5 pF
~10 V
5kA
1kA
SL1010A090
72
90
108
550
700
SL1010A170
136
170
204
SL1010A230
184
230
276
580
750
SL1010A350
280
350
420
850
1000
SL1010A470
376
470
564
800
950
Device Dimensions
For SL1010A series:
Dimensions are in millimeters [and inches]
tin-plated
recommended pad outline
8,2
2,2
7,6 0,2
0,2
5
11
2
1,6 0,1
0,4 0,05
For SL1010A series failsafe version:


Podobny numer części - SL1010A470

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdiode Electronics ...
SL10100 CHENDA-SL10100 Datasheet
3Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
logo
Guangdong Juxing Electr...
SL10100 JUXING-SL10100 Datasheet
3Mb / 2P
   Surface Mount Schottky Rectifiers
logo
Microdiode Electronics ...
SL10100 CHENDA-SL10100 Datasheet
1Mb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SL10100.10A-TO-277 DGNJDZ-SL10100.10A-TO-277 Datasheet
356Kb / 2P
   10.0A Surface Mount Schottky Barrier Rectifiers
logo
AMETHERM Circuit Protec...
SL1010002 AMETHERM-SL1010002 Datasheet
41Kb / 1P
   Circuit Protection Thermistors
More results

Podobny opis - SL1010A470

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
   Gas Discharge Tubes
logo
Tyco Electronics
GTCX28-XXXM-R05 MACOM-GTCX28-XXXM-R05 Datasheet
105Kb / 5P
   Gas Discharge Tubes
GTCX36-XXXM-R05 MACOM-GTCX36-XXXM-R05 Datasheet
144Kb / 6P
   Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
   Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
   Gas Discharge Tubes
logo
Littelfuse
SL1021A145 LITTELFUSE-SL1021A145 Datasheet
272Kb / 4P
   Gas Discharge Tubes
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com