Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Si1102-A-GM Arkusz danych(PDF) 9 Page - Silicon Laboratories

Numer części Si1102-A-GM
Szczegółowy opis  OPTICAL PROXIMITY DETECTOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si1102-A-GM Arkusz danych(HTML) 9 Page - Silicon Laboratories

Back Button Si1102-A-GM Datasheet HTML 5Page - Silicon Laboratories Si1102-A-GM Datasheet HTML 6Page - Silicon Laboratories Si1102-A-GM Datasheet HTML 7Page - Silicon Laboratories Si1102-A-GM Datasheet HTML 8Page - Silicon Laboratories Si1102-A-GM Datasheet HTML 9Page - Silicon Laboratories Si1102-A-GM Datasheet HTML 10Page - Silicon Laboratories Si1102-A-GM Datasheet HTML 11Page - Silicon Laboratories Si1102-A-GM Datasheet HTML 12Page - Silicon Laboratories Si1102-A-GM Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Si1102
Rev. 1.0
9
For applications where R1 resistance values are small, the proximity range can vary as a function of the ambient IR
condition. A product cover, which limits the visible light intensity, is helpful in reducing this range variation. It is
recommended that the Si1102 be evaluated and tested in-product under the various light conditions it will
encounter under normal product usage. Setting the potentiometer R1 = 0 is not recommended unless the ambient
light condition is known and relatively constant.
At any given R1 threshold setting, there are many factors that determine the precise distance that the Si1102
reports. These factors include object reflectivity, object size, ambient light type and ambient light intensity. When
used in applications where the ambient light is variable, it is recommended the Si1102 optical window be IR
transmissive but visible light opaque.
Figure 3. Proximity Detection Distance vs. R1 (SFH4650 IR LED 850 nm/40 mW)*
*Note: Detection range measured using Kodak Gray cards (18% reflectance), no IR filter under dark ambient conditions (<1 lx).
Table 4. Summary of External Component Values and Operating Conditions
R1
R2
Strobe Frequency
Distance1
IDD Average Current Consumption2
50 k
0
250 Hz
12 to 22 cm
100 µA
50 k
Open
2.0 Hz
12 to 22 cm
5 µA
15 k
0
250 Hz
40 to 50 cm
100 µA
30 k
0
250 Hz
17 to 33 cm
100 µA
Notes:
1. Distance measured with SFH4650 IR LED, with an IR filter, targeting an 18% gray card, 300 lux (Incandescent or CFL)
2. Average current consumption at VDD = 3.3 V, 25 °C and dark ambient conditions (<100 lx).
Detection Distance
5
10
15
20
25
30
35
40
45
50
10
20
30
40
50
60
70
80
90
100
R1(kohm)


Podobny numer części - Si1102-A-GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI1102-EK SILABS-SI1102-EK Datasheet
81Kb / 4P
   EVALUATION KIT USERS GUIDE
More results

Podobny opis - Si1102-A-GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS209A ONSEMI-CS209A Datasheet
219Kb / 8P
   Proximity Detector
July, 2006 ??Rev. 3
logo
Cherry Semiconductor Co...
CS209A CHERRY-CS209A Datasheet
166Kb / 6P
   Proximity Detector
logo
ams AG
TSL2671 AMSCO-TSL2671 Datasheet
725Kb / 27P
   DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26723 TAOS-TMD26723 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
ams AG
TSL26721 AMSCO-TSL26721 Datasheet
750Kb / 46P
   Digital Proximity Detector
TMD2672 AMSCO-TMD2672 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26713 TAOS-TMD26713 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
ams AG
TMD26721 AMSCO-TMD26721 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
TMD2671 AMSCO-TMD2671 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
TSL2672 AMSCO-TSL2672 Datasheet
749Kb / 31P
   DIGITAL PROXIMITY DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com