Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7177-2 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD7177-2
Szczegółowy opis  32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7177-2 Arkusz danych(HTML) 4 Page - Analog Devices

  AD7177-2 Datasheet HTML 1Page - Analog Devices AD7177-2 Datasheet HTML 2Page - Analog Devices AD7177-2 Datasheet HTML 3Page - Analog Devices AD7177-2 Datasheet HTML 4Page - Analog Devices AD7177-2 Datasheet HTML 5Page - Analog Devices AD7177-2 Datasheet HTML 6Page - Analog Devices AD7177-2 Datasheet HTML 7Page - Analog Devices AD7177-2 Datasheet HTML 8Page - Analog Devices AD7177-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
AD7177-2
Data Sheet
Rev. A | Page 4 of 59
SPECIFICATIONS
AVDD1 = 4.5 V to 5.5 V, AVDD2 = 2 V to 5.5 V, IOVDD = 2 V to 5.5 V, AVSS = DGND = 0 V, REF+ = 2.5 V, REF− = AVSS,
internal master clock (MCLK) = 16 MHz, TA = TMIN to TMAX (−40°C to +105°C), unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ADC SPEED AND PERFORMANCE
Output Data Rate (ODR)
5
10,000
SPS
No Missing Codes1
32
Bits
Resolution
See Table 19 to Table 23
Noise
See Table 19 to Table 23
FIR Filter Rejection
See Table 23
ACCURACY
Integral Nonlinearity (INL)
All input buffers disabled
±1
±3.5
ppm of FSR
All input buffers enabled
±3.5
±7.8
ppm of FSR
Offset Error2
Internal short
±40
µV
Offset Drift
Internal short
±80
nV/°C
Gain Error2
All input buffers disabled
±45
±100
ppm of FSR
All input buffers enabled
±2.5
±40
ppm of FSR
Gain Drift
±0.4
±0.75
ppm/°C
REJECTION
Power Supply Rejection
AVDD1, AVDD2, VIN = 1 V
95
dB
Common-Mode Rejection
VIN = 0.1 V
At DC
95
dB
At 50 Hz, 60 Hz1
20 Hz output data rate (post filter),
50 Hz ± 1 Hz and 60 Hz ± 1 Hz
120
dB
Normal Mode Rejection1
50 Hz ± 1 Hz and 60 Hz ± 1 Hz
Internal clock, 20 SPS ODR (postfilter)
71
90
dB
External clock, 20 SPS ODR (postfilter)
85
90
dB
ANALOG INPUTS
Differential Input Range
VREF = (REF+) − (REF−)
±VREF
V
Absolute Voltage Limits1
Input Buffers Disabled
AVSS − 0.05
AVDD1 + 0.05
V
Input Buffers Enabled
AVSS
AVDD1
V
Analog Input Current
Input Buffers Disabled
Input Current
±48
µA/V
Input Current Drift
External clock
±0.75
nA/V/°C
Internal clock (±2.5% clock)
±4
nA/V/°C
Input Buffers Enabled
Input Current
±30
nA
Input Current Drift
AVDD1 − 0.2 V to AVSS + 0.2 V
±75
pA/°C
AVDD1 to AVSS
±1
nA/°C
Crosstalk
1 kHz input
−120
dB
INTERNAL REFERENCE
100 nF external capacitor to AVSS
Output Voltage
REFOUT, with respect to AVSS
2.5
V
Initial Accuracy3
REFOUT, TA = 25°C
−0.12
+0.12
% of V
Temperature Coefficient1
0°C to 105°C
±2
±5
ppm/°C
−40°C to +105°C
±3
±10
ppm/°C
Reference Load Current, ILOAD
−10
+10
mA
Power Supply Rejection
AVDD1, AVDD2 (line regulation)
90
dB
Load Regulation
∆VOUT/∆ILOAD
32
ppm/mA


Podobny numer części - AD7177-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7177-2 AD-AD7177-2 Datasheet
988Kb / 61P
   32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
AD7177-2BRUZ AD-AD7177-2BRUZ Datasheet
988Kb / 61P
   32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
AD7177-2BRUZ-RL7 AD-AD7177-2BRUZ-RL7 Datasheet
988Kb / 61P
   32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2_17 Datasheet
988Kb / 61P
   32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
More results

Podobny opis - AD7177-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7177-2 AD-AD7177-2_17 Datasheet
988Kb / 61P
   32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2_17 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4 Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
AD7175-8 AD-AD7175-8 Datasheet
1Mb / 64P
   24-Bit, 8-/16-Channel, 250 kSPS, Sigma- Delta ADC with True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4_17 Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
UG-478 AD-UG-478 Datasheet
3Mb / 40P
   Evaluation Board for the AD7176-2??4-Bit, 250 kSPS Sigma-Delta ADC with 20 關s Settling
REV. 0
AD7172-2 AD-AD7172-2 Datasheet
1Mb / 61P
   True rail-to-rail analog and reference input buffers
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7763 AD-AD7763_15 Datasheet
822Kb / 33P
   24-Bit, 625 kSPS, 109 dB Sigma-Delta ADC with On-Chip Buffers, Serial Interface
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com