Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9154 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD9154
Szczegółowy opis  Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9154 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD9154 Datasheet HTML 4Page - Analog Devices AD9154 Datasheet HTML 5Page - Analog Devices AD9154 Datasheet HTML 6Page - Analog Devices AD9154 Datasheet HTML 7Page - Analog Devices AD9154 Datasheet HTML 8Page - Analog Devices AD9154 Datasheet HTML 9Page - Analog Devices AD9154 Datasheet HTML 10Page - Analog Devices AD9154 Datasheet HTML 11Page - Analog Devices AD9154 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 124 page
background image
AD9154
Data Sheet
Rev. B | Page 8 of 124
SYSREF TO DAC CLOCK TIMING SPECIFICATIONS
AVDD33 = 3.3 V, SIOVDD33 = 3.3 V, IOVDD = 1.8 V, DVDD12 = 1.2 V, CVDD12 = 1.2 V, PVDD12 = 1.2 V, SVDD12 = 1.2 V, VTT = 1.2 V,
TA = −40°C to +85°C, IOUTFS = 20 mA, SYSREF± common-mode voltages = 0.0 V, 0.6 V, 1.25 V, and 2.0 V, unless otherwise noted.
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SYSREF
Differential swing = 0.4 V, slew rate = 1.3 V/ns
Setup Time
AC-coupled
89
ps
DC-coupled
111
ps
Hold Time
AC-coupled
105
ps
DC-coupled
145
ps
Differential swing = 0.7 V, slew rate = 2.28 V/ns
Setup Time
AC-coupled
71
ps
DC-coupled
81
ps
Hold Time
AC-coupled
97
ps
DC-coupled
118
ps
Differential swing = 1.0 V, slew rate = 3.26 V/ns
Setup Time
AC-coupled
58
ps
DC-coupled
64
ps
Hold Time
AC-coupled
92
ps
DC-coupled
108
ps
DIGITAL INPUT DATA TIMING SPECIFICATIONS
AVDD33 = 3.3 V, SIOVDD33 = 3.3 V, IOVDD = 1.8 V, DVDD12 = 1.2 V, CVDD12 = 1.2 V, PVDD12 = 1.2 V, SVDD12 = 1.2 V,
VTT = 1.2 V, TA = 25°C, IOUTFS = 20 mA, unless otherwise noted.
Table 6.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LATENCY
Interface, Excluding Transport
Layer Delay Buffer
17
PClock1 cycles
Interpolation
With or without modulation
94
DAC clock cycles
130
DAC clock cycles
250
DAC clock cycles
474
DAC clock cycles
Inverse Sinc
17
DAC clock cycles
Fine Modulation
20
DAC clock cycles
Coarse Modulation
f
S/8
8
DAC clock cycles
f
S/4
4
DAC clock cycles
Digital Phase Adjust
12
DAC clock cycles
Digital Gain Adjust
12
DAC clock cycles
Power-Up Time
Dual A Only
Register 0x011 from 0x60 to 0x00
30
µs
Dual B Only
Register 0x011 from 0x18 to 0x00
30
µs
All DACs
Register 0x011 from 0x78 to 0x00
30
µs
1 PClock is the AD9154 internal processing clock running at the JESD204B lane rate ÷ 40.


Podobny numer części - AD9154

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9154 AD-AD9154 Datasheet
2Mb / 124P
   Digital-to-Analog Converter
AD9154-EBZ AD-AD9154-EBZ Datasheet
2Mb / 124P
   Digital-to-Analog Converter
AD9154-FMC-EBZ AD-AD9154-FMC-EBZ Datasheet
2Mb / 124P
   Digital-to-Analog Converter
AD9154-M6720-EBZ AD-AD9154-M6720-EBZ Datasheet
2Mb / 124P
   Digital-to-Analog Converter
AD9154BCPAZ AD-AD9154BCPAZ Datasheet
2Mb / 124P
   Digital-to-Analog Converter
More results

Podobny opis - AD9154

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Texas Instruments
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com