Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9154BCPZ Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9154BCPZ
Szczegółowy opis  Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9154BCPZ Arkusz danych(HTML) 5 Page - Analog Devices

  AD9154BCPZ Datasheet HTML 1Page - Analog Devices AD9154BCPZ Datasheet HTML 2Page - Analog Devices AD9154BCPZ Datasheet HTML 3Page - Analog Devices AD9154BCPZ Datasheet HTML 4Page - Analog Devices AD9154BCPZ Datasheet HTML 5Page - Analog Devices AD9154BCPZ Datasheet HTML 6Page - Analog Devices AD9154BCPZ Datasheet HTML 7Page - Analog Devices AD9154BCPZ Datasheet HTML 8Page - Analog Devices AD9154BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 124 page
background image
Data Sheet
AD9154
Rev. B | Page 5 of 124
SPECIFICATIONS
DC SPECIFICATIONS
AVDD33 = 3.3 V, SIOVDD33 = 3.3 V, IOVDD = 1.8 V, DVDD12 = 1.2 V, CVDD12 = 1.2 V, PVDD12 = 1.2 V, SVDD12 = 1.2 V, VTT = 1.2 V,
TA = −40°C to +85°C, IOUTFS = 20 mA, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ACCURACY
Differential Nonlinearity (DNL)
±4.3
LSB
Integral Nonlinearity (INL)
±8.2
LSB
MAIN DAC OUTPUTS
Gain Error
With internal reference
−8.0
−3.01
+8.0
% FSR
Offset Error1
2322
ppm
I/Q Gain Mismatch
−3.0
+0.54
+3.0
% FSR
Full-Scale Output Current
Based on a 4 kΩ external resistor between I120 and ground
Maximum Setting
19.9
20.85
21.3
mA
Minimum Setting
3.9
4.17
4.4
mA
Output Compliance Range
2.0
2.8
3.37
V
Output Resistance
15
Output Capacitance
3.0
pF
Full-Scale Current DAC Monotonicity
Guaranteed
MAIN DAC TEMPERATURE DRIFT
Gain2
−114
ppm/°C
REFERENCE
Internal Reference Voltage
1.2
V
ANALOG SUPPLY VOLTAGES
AVDD33
5%
3.13
3.3
3.47
V
PVDD12
5%
1.14
1.2
1.26
V
2%
1.274
1.3
1.326
V
CVDD12
5%
1.14
1.2
1.26
V
2%
1.274
1.3
1.326
V
DIGITAL SUPPLY VOLTAGES
SIOVDD33
5%
3.13
3.3
3.47
V
V
TT
1.1
1.2
1.37
V
DVDD12
5%
1.14
1.2
1.26
V
2%
1.274
1.3
1.326
V
SVDD12
5%
1.14
1.2
1.26
V
2%
1.274
1.3
1.326
V
IOVDD
5%
1.71
1.8
3.47
V
POWER CONSUMPTION
2× Interpolation Mode, JESD204B
Mode 4, Dual Link, 8 SERDES Lanes
f
DAC = 1.6 GSPS, NCO on, IFOUT = 40 MHz, PLL on, DAC
full-scale current = 20 mA
2.11
2.63
W
AVDD33
159
185
mA
PVDD12
152
174
mA
CVDD12
355
397
mA
SVDD12
Includes V
TT
541.9
682
mA
DVDD12
264.5
442
mA
SIOVDD33 + IOVDD
10.6
11.4
mA
1 Offset error is a measure of how far from full-scale range (FSR) the DAC output current is at 25°C (in ppm).
2 Gain drift is a measure of the slope of the DAC output current across its full temperature range (in ppm/°C).


Podobny numer części - AD9154BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9154BCPZ AD-AD9154BCPZ Datasheet
2Mb / 124P
   Digital-to-Analog Converter
AD9154BCPZRL AD-AD9154BCPZRL Datasheet
2Mb / 124P
   Digital-to-Analog Converter
More results

Podobny opis - AD9154BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Texas Instruments
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com