Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9154BCPZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD9154BCPZ
Szczegółowy opis  Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9154BCPZ Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD9154BCPZ Datasheet HTML 3Page - Analog Devices AD9154BCPZ Datasheet HTML 4Page - Analog Devices AD9154BCPZ Datasheet HTML 5Page - Analog Devices AD9154BCPZ Datasheet HTML 6Page - Analog Devices AD9154BCPZ Datasheet HTML 7Page - Analog Devices AD9154BCPZ Datasheet HTML 8Page - Analog Devices AD9154BCPZ Datasheet HTML 9Page - Analog Devices AD9154BCPZ Datasheet HTML 10Page - Analog Devices AD9154BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 124 page
background image
Data Sheet
AD9154
Rev. B | Page 7 of 124
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
CS to SCLK
Setup Time
tSCS
5
ns
Hold Time
tHCSCS
2
ns
1 See Table 3 for detailed specifications for DAC update rate conditions.
2 Maximum speed for 1× interpolation is limited by the JESD204B interface. See Table 4 for details.
3 Maximum speed for 2× interpolation is limited by the JESD204B interface. See Table 4 for details.
4 See Table 4 for detailed specifications for JESD204B speed conditions.
5 CLK+/CLK− serve as a reference oscillator input for the on-chip PLL clock multiplier when in use.
6 K, F, and S are JESD204B transport layer parameters. See Table 42 for the full definitions.
7 See Table 5 for detailed specifications for SYSREF to DAC clock timing conditions.
MAXIMUM DAC UPDATE RATE SPEED SPECIFICATIONS BY SUPPLY
AVDD33 = 3.3 V, SIOVDD33 = 3.3 V, IOVDD = 1.8 V, DVDD12 = 1.2 V, CVDD12 = 1.2 V, PVDD12 = 1.2 V, SVDD12 = 1.2 V,
VTT = 1.2 V, TA = −40°C to +85°C, IOUTFS = 20 mA, unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
MAXIMUM DAC UPDATE RATE
DVDD12, CVDD12, PVDD12 = 1.2 V ± 5%
1.93
GSPS
DVDD12, CVDD12, PVDD12 = 1.2 V ± 2%
2.07
GSPS
DVDD12, CVDD12, PVDD12 = 1.3 V ± 2%
2.4
GSPS
JESD204B SERIAL INTERFACE SPEED SPECIFICATIONS
AVDD33 = 3.3 V, SIOVDD33 = 3.3 V, IOVDD = 1.8 V, DVDD12 = 1.2 V, CVDD12 = 1.2 V, PVDD12 = 1.2 V, SVDD12 = 1.2 V, VTT = 1.2 V,
TA = −40°C to +85°C, IOUTFS = 20 mA, unless otherwise noted.
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CLOCK AND DATA RECOVERY
(CDR) HALF RATE MODE
SVDD12 = 1.2 V ± 5%
5.74
9.04
Gbps
SVDD12 = 1.2 V ±2%
5.74
9.65
Gbps
SVDD12 = 1.3 V ± 2%
5.74
10.96
Gbps
CDR FULL RATE MODE
SVDD12 = 1.2 V ± 5%
2.87
4.79
Gbps
SVDD12 = 1.2 V ±2%
2.87
4.93
Gbps
SVDD12 = 1.3 V ± 2%
2.87
5.73
Gbps
CDR OVERSAMPLING MODE
SVDD12 = 1.2 V ± 5%
1.44
2.39
Gbps
SVDD12 = 1.2 V ±2%
1.44
2.50
Gbps
SVDD12 = 1.3 V ± 2%
1.44
2.93
Gbps


Podobny numer części - AD9154BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9154BCPZ AD-AD9154BCPZ Datasheet
2Mb / 124P
   Digital-to-Analog Converter
AD9154BCPZRL AD-AD9154BCPZRL Datasheet
2Mb / 124P
   Digital-to-Analog Converter
More results

Podobny opis - AD9154BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Texas Instruments
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com