Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9154BCPZRL Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD9154BCPZRL
Szczegółowy opis  Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9154BCPZRL Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD9154BCPZRL Datasheet HTML 5Page - Analog Devices AD9154BCPZRL Datasheet HTML 6Page - Analog Devices AD9154BCPZRL Datasheet HTML 7Page - Analog Devices AD9154BCPZRL Datasheet HTML 8Page - Analog Devices AD9154BCPZRL Datasheet HTML 9Page - Analog Devices AD9154BCPZRL Datasheet HTML 10Page - Analog Devices AD9154BCPZRL Datasheet HTML 11Page - Analog Devices AD9154BCPZRL Datasheet HTML 12Page - Analog Devices AD9154BCPZRL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 124 page
background image
Data Sheet
AD9154
Rev. B | Page 9 of 124
LATENCY VARIATION SPECIFICATIONS
AVDD33 = 3.3 V, SIOVDD33 = 3.3 V, IOVDD = 1.8 V, DVDD12 = 1.2 V, CVDD12 = 1.2 V, PVDD12 = 1.2 V, SVDD12 = 1.2 V,
VTT = 1.2 V, TA = 25°C, IOUTFS = 20 mA, unless otherwise noted.
Table 7.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DAC LATENCY VARIATION
Subclass 1
PLL Off
0
1
DACCLK cycles
PLL On
−1
+1
DACCLK cycles
JESD204B INTERFACE ELECTRICAL SPECIFICATIONS
AVDD33 = 3.3 V, SIOVDD33 = 3.3 V, IOVDD = 1.8 V, DVDD12 = 1.2 V, CVDD12 = 1.2 V, PVDD12 = 1.2 V, SVDD12 = 1.2 V,
VTT = 1.2 V, TA = −40°C to +85°C, IOUTFS = 20 mA, unless otherwise noted.
Table 8.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
JESD204B DATA INPUTS
Input Leakage Current
T
A = 25°C
Logic High
Input level = 1.2 V ± 0.25 V, V
TT = 1.2 V
10
µA
Logic Low
Input level = 0 V
−4
µA
Unit Interval
UI
94
714
ps
Common-Mode Voltage
V
RCM
AC-coupled
−0.05
+1.85
V
V
TT = SVDD12
1
Differential Voltage
R_V
DIFF
110
1050
mV
V
TT Source Impedance
Z
TT
At dc
30
Ω
Differential Impedance
Z
RDIFF
At dc
80
100
120
Ω
Differential Return Loss
RL
RDIF
8
dB
Common-Mode Return Loss
RL
RCM
6
dB
DIFFERENTIAL OUTPUTS (SYNCOUT±)2
Output Offset Voltage
V
OS
1.19
1.27
V
DETERMINISTIC LATENCY
Fixed
17
PClock3 cycles
Variable
2
PClock3 cycles
SYSREF± TO LOCAL MULTIFRAME
CLOCK (LMFC) DELAY
4
DAC clock cycles
1 As measured on the input side of the ac coupling capacitor.
2 IEEE Standard 1596.3 LVDS compatible.
3 PClock is the AD9154 internal processing clock; its frequency is equal to the JESD204B lane rate ÷ 40.


Podobny numer części - AD9154BCPZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9154BCPZRL AD-AD9154BCPZRL Datasheet
2Mb / 124P
   Digital-to-Analog Converter
More results

Podobny opis - AD9154BCPZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Texas Instruments
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com