Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9154BCPZRL Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9154BCPZRL
Szczegółowy opis  Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9154BCPZRL Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9154BCPZRL Datasheet HTML 6Page - Analog Devices AD9154BCPZRL Datasheet HTML 7Page - Analog Devices AD9154BCPZRL Datasheet HTML 8Page - Analog Devices AD9154BCPZRL Datasheet HTML 9Page - Analog Devices AD9154BCPZRL Datasheet HTML 10Page - Analog Devices AD9154BCPZRL Datasheet HTML 11Page - Analog Devices AD9154BCPZRL Datasheet HTML 12Page - Analog Devices AD9154BCPZRL Datasheet HTML 13Page - Analog Devices AD9154BCPZRL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 124 page
background image
AD9154
Data Sheet
Rev. B | Page 10 of 124
AC SPECIFICATIONS
AVDD33 = 3.3 V, SIOVDD33 = 3.3 V, IOVDD = 1.8 V, DVDD12 = 1.2 V, CVDD12 = 1.2 V, PVDD12 = 1.2 V, SVDD12 = 1.2 V,
VTT = 1.2 V, TA = 25°C, IOUTFS = 20 mA, unless otherwise noted.
Table 9.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
−6 dBFS single tone
f
DAC = 1966.08 MSPS
f
OUT = 20 MHz
76
dBc
f
DAC = 1966.08 MSPS
f
OUT = 150 MHz
73
dBc
f
DAC = 1966.08 MSPS
f
OUT = 180 MHz
72
dBc
TWO-TONE THIRD INTERMODULATION DISTORTION (IMD)
−6 dBFS
f
DAC = 983.04 MSPS
f
OUT = 30 MHz
87
dBc
f
DAC = 983.04 MSPS
f
OUT = 150 MHz
77
dBc
f
DAC = 1966.08 MSPS
f
OUT = 30 MHz
86
dBc
f
DAC = 1966.08 MSPS
f
OUT = 180 MHz
78
dBc
NOISE SPECTRAL DENSITY (NSD), SINGLE TONE
0 dBFS
f
DAC = 983.04 MSPS
f
OUT = 150 MHz
−164
dBm/Hz
f
DAC = 1966.08 MSPS
f
OUT = 180 MHz
−163
dBm/Hz
5 MHz BW LTE FIRST ADJACENT CHANNEL LEAKAGE RATIO (ACLR),
SINGLE CARRIER
0 dBFS, PLL off
f
DAC = 1966.08 MSPS
f
OUT = 50 MHz
79
dBc
f
DAC = 1966.08 MSPS
f
OUT = 150 MHz
77
dBc
f
DAC = 1966.08 MSPS
f
OUT = 180 MHz
77
dBc
5 MHz BW LTE SECOND ACLR, SINGLE CARRIER
0 dBFS, PLL off
f
DAC = 1966.08 MSPS
f
OUT = 50 MHz
82
dBc
f
DAC = 1966.08 MSPS
f
OUT = 150 MHz
81
dBc
f
DAC = 1966.08 MSPS
f
OUT = 180 MHz
81
dBc


Podobny numer części - AD9154BCPZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9154BCPZRL AD-AD9154BCPZRL Datasheet
2Mb / 124P
   Digital-to-Analog Converter
More results

Podobny opis - AD9154BCPZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Texas Instruments
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com