Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9154BCPAZ Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9154BCPAZ
Szczegółowy opis  Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9154BCPAZ Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9154BCPAZ Datasheet HTML 7Page - Analog Devices AD9154BCPAZ Datasheet HTML 8Page - Analog Devices AD9154BCPAZ Datasheet HTML 9Page - Analog Devices AD9154BCPAZ Datasheet HTML 10Page - Analog Devices AD9154BCPAZ Datasheet HTML 11Page - Analog Devices AD9154BCPAZ Datasheet HTML 12Page - Analog Devices AD9154BCPAZ Datasheet HTML 13Page - Analog Devices AD9154BCPAZ Datasheet HTML 14Page - Analog Devices AD9154BCPAZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 124 page
background image
Data Sheet
AD9154
Rev. B | Page 11 of 124
ABSOLUTE MAXIMUM RATINGS
Table 10.
Parameter
Rating
I120 to Ground
−0.3 V to AVDD33 + 0.3 V
SERDINx±, V
TT, SYNCOUTx±, and
TXENx
−0.3 V to SIOVDD33 + 0.3 V
OUTx±
−0.3 V to AVDD33 + 0.3 V
SYSREF±
GND − 0.5 V
CLK± to Ground
−0.3 V to PVDD12 + 0.3 V
RESET, IRQ, CS, SCLK, SDIO, SDO,
and PDP OUTx to Ground
−0.3 V to IOVDD + 0.3 V
LDO_BYP1
−0.3 V to SVDD12 + 0.3 V
LDO_BYP2
−0.3 V to PVDD12 + 0.3 V
Ambient Operating Temperature (T
A)
−40°C to +85°C
Junction Temperature
125°C
Storage Temperature
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
The exposed pad (EPAD) must be soldered to the ground plane
for the 88-lead LFCSP. The EPAD provides an electrical,
thermal, and mechanical connection to the board.
Typical θJA, θJB, and θJC values are specified for a 4-layer, JESD51-7
high effective thermal conductivity test board for leaded
surface-mount packages. θJA is obtained in still air conditions
(JESD51-2). Airflow increases heat dissipation, effectively reducing
θJA. θJB is obtained following double-ring cold plate test conditions
(JESD51-8). θJC is obtained with the test case temperature moni-
tored at the bottom of the exposed pad.
ΨJT and ΨJB are thermal characteristic parameters obtained with
θJA in still air test conditions.
Junction temperature (TJ) can be estimated using the following
equations:
TJ = TT + (ΨJT × P),
or
TJ = TB + (ΨJB × P)
where:
TT is the temperature measured at the top of the package.
P is the total device power dissipation.
TB is the temperature measured at the board.
Table 11. Thermal Resistance
Package
θ
JA
θ
JB
θ
JC
Ψ
JT
Ψ
JB
Unit
88-Lead LFCSP1
22.6
5.59
1.17
0.1
5.22
°C/W
1 The exposed pad must be securely connected to the ground plane.
ESD CAUTION


Podobny numer części - AD9154BCPAZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9154BCPAZ AD-AD9154BCPAZ Datasheet
2Mb / 124P
   Digital-to-Analog Converter
AD9154BCPAZRL AD-AD9154BCPAZRL Datasheet
2Mb / 124P
   Digital-to-Analog Converter
More results

Podobny opis - AD9154BCPAZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Texas Instruments
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com