Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF5355 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADF5355
Szczegółowy opis  Microwave Wideband Synthesizer with Integrated VCO
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF5355 Arkusz danych(HTML) 4 Page - Analog Devices

  ADF5355 Datasheet HTML 1Page - Analog Devices ADF5355 Datasheet HTML 2Page - Analog Devices ADF5355 Datasheet HTML 3Page - Analog Devices ADF5355 Datasheet HTML 4Page - Analog Devices ADF5355 Datasheet HTML 5Page - Analog Devices ADF5355 Datasheet HTML 6Page - Analog Devices ADF5355 Datasheet HTML 7Page - Analog Devices ADF5355 Datasheet HTML 8Page - Analog Devices ADF5355 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
ADF5355
Data Sheet
SPECIFICATIONS
AVDD = DVDD = VRF = 3.3 V ± 5%, 4.75 V ≤ VP = VVCO ≤ 5.25 V, AGND = CPGND = AGNDVCO = SDGND = AGNDRF = 0 V, RSET = 5.1 kΩ, dBm referred
to 50 Ω, TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
REFINA/REFINB CHARACTERISTICS
Input Frequency
For f < 10 MHz, ensure slew rate >
21 V/µs
Single-Ended Mode
10
250
MHz
Differential Mode
10
600
MHz
Input Sensitivity
Single-Ended Mode
0.4
AVDD
V p-p
REFINA biased at AVDD/2;
ac coupling ensures AVDD/2 bias
Differential Mode
0.4
1.8
V p-p
LVDS and LVPECL compatible,
REFINA/REFINB biased at 2.1 V;
ac coupling ensures 2.1 V bias
Input Capacitance
Single-Ended Mode
6.9
pF
Differential Mode
1.4
pF
Input Current
±60
µA
Single-ended reference programmed
±250
µA
Differential reference programmed
Phase Detector Frequency
125
MHz
CHARGE PUMP (CP)
Charge Pump Current, Sink/Source
ICP
RSET = 5.1 kΩ
High Value
4.8
mA
Low Value
0.3
mA
RSET Range
5.1
Fixed
Current Matching
3
%
0.5 V ≤ VCP1 ≤ VP − 0.5 V
ICP vs. VCP
3
%
0.5 V ≤ VCP1 ≤ VP − 0.5 V
ICP vs. Temperature
1.5
%
VCP1 = 2.5 V
LOGIC INPUTS
Input High Voltage
VINH
1.5
V
Input Low Voltage
VINL
0.6
V
Input Current
IINH/IINL
±1
µA
Input Capacitance
CIN
3.0
pF
LOGIC OUTPUTS
Output High Voltage
VOH
DVDD
0.4
V
1.5
1.8
V
1.8 V output selected
Output High Current
IOH
500
µA
Output Low Voltage
VOL
0.4
V
IOL2 = 500 µA
POWER SUPPLIES
See Table 6
Analog Power
AVDD
3.15
3.45
V
Digital Power and RF Supply Voltage
DVDD, VRF
AVDD
Voltages must equal AVDD
Charge Pump and VCO Supply Voltage
VP, VVCO
4.75
5.0
5.25
V
VP must equal VVCO
Charge Pump Supply Power Current
IP
8
9
DIDD + AIDD3
62
69
mA
Output Dividers
6 to
36
mA
Each output divide by 2 consumes
6 mA
Supply Current
IVCO
70
85
mA
Rev. A | Page 4 of 38


Podobny numer części - ADF5355

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF5355 AD-ADF5355 Datasheet
795Kb / 38P
   Microwave Wideband Synthesizer with Integrated VCO
ADF5355 AD-ADF5355 Datasheet
2Mb / 32P
   300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
ADF5355BCPZ AD-ADF5355BCPZ Datasheet
795Kb / 38P
   Microwave Wideband Synthesizer with Integrated VCO
ADF5355BCPZ-RL7 AD-ADF5355BCPZ-RL7 Datasheet
795Kb / 38P
   Microwave Wideband Synthesizer with Integrated VCO
ADF5355 AD-ADF5355_17 Datasheet
795Kb / 38P
   Microwave Wideband Synthesizer with Integrated VCO
More results

Podobny opis - ADF5355

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4355-2 AD-ADF4355-2_17 Datasheet
895Kb / 37P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4368 AD-ADF4368 Datasheet
2Mb / 54P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4355-3 AD-ADF4355-3_17 Datasheet
819Kb / 34P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4377 AD-ADF4377 Datasheet
4Mb / 79P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4382A AD-ADF4382A Datasheet
3Mb / 70P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4355 AD-ADF4355_17 Datasheet
848Kb / 35P
   Microwave Wideband Synthesizer with Integrated VCO
ADF5355 AD-ADF5355_17 Datasheet
795Kb / 38P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4372 AD-ADF4372 Datasheet
849Kb / 47P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4371 AD-ADF4371 Datasheet
4Mb / 46P
   Microwave Wideband Synthesizer Integrated VCO
ADF5610 AD-ADF5610_V01 Datasheet
1,016Kb / 51P
   Microwave Wideband Synthesizer Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com