Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF5904WCCPZ-RL7 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADF5904WCCPZ-RL7
Szczegółowy opis  4-Channel, 24 GHz,Receiver Downconverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF5904WCCPZ-RL7 Arkusz danych(HTML) 5 Page - Analog Devices

  ADF5904WCCPZ-RL7 Datasheet HTML 1Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 2Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 3Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Data Sheet
ADF5904
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
AVDD to GND
–0.3 V to +3.9 V
Digital Input/Output Voltage to GND
–0.3 V to AVDD + 0.3 V
Analog Input/Output Voltage to GND
–0.3 V to AVDD + 0.3 V
RXx_RF, LO_IN to GND
–0.3 V to AVDD + 0.3 V
Operating Temperature Range
–40°C to +105°C
Storage Temperature Range
–65°C to +125°C
Maximum Junction Temperature
150°C
θJA Thermal Impedance1 (Paddle Soldered)
40.83°C/W
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
40 sec
Transistor Count
CMOS
65,100
Bipolar
2280
ESD
CDM
500 V
HBM
1000 V
1
Two signal planes (that is, on the top and the bottom surfaces of the board),
two buried planes, and nine vias.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION
Rev. 0 | Page 5 of 15


Podobny numer części - ADF5904WCCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF5904WCCPZ-RL7 AD-ADF5904WCCPZ-RL7 Datasheet
363Kb / 15P
   4-Channel, 24 GHz, Receiver Downconverter
Rev. A
More results

Podobny opis - ADF5904WCCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF5904 AD-ADF5904_V01 Datasheet
363Kb / 15P
   4-Channel, 24 GHz, Receiver Downconverter
Rev. A
UG-791 AD-UG-791 Datasheet
714Kb / 14P
   Evaluation Board for the ADF5904 4-Channel, 24 GHz Receiver Downconverter
ADMV1014 AD-ADMV1014 Datasheet
2Mb / 42P
   24 GHz to 44 GHz, Wideband, Microwave Downconverter
logo
Hittite Microwave Corpo...
HMC967LP4E HITTITE-HMC967LP4E Datasheet
1Mb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC572LC5 HITTITE-HMC572LC5 Datasheet
238Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
HMC572 HITTITE-HMC572 Datasheet
264Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
logo
Analog Devices
ADMV1012 AD-ADMV1012 Datasheet
441Kb / 19P
   17.5 GHz to 24 GHz, GaAs, MMIC, I/Q Downconverter
logo
Hittite Microwave Corpo...
HMC904LC5 HITTITE-HMC904LC5 Datasheet
570Kb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 24 GHz
HMC967LP4E HITTITE-HMC967LP4E_11 Datasheet
889Kb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC572 HITTITE-HMC572_09 Datasheet
269Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com