Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54ACT825SD Arkusz danych(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części 54ACT825SD
Szczegółowy opis  8-Bit D Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT825SD Arkusz danych(HTML) 6 Page - National Semiconductor (TI)

  54ACT825SD Datasheet HTML 1Page - National Semiconductor (TI) 54ACT825SD Datasheet HTML 2Page - National Semiconductor (TI) 54ACT825SD Datasheet HTML 3Page - National Semiconductor (TI) 54ACT825SD Datasheet HTML 4Page - National Semiconductor (TI) 54ACT825SD Datasheet HTML 5Page - National Semiconductor (TI) 54ACT825SD Datasheet HTML 6Page - National Semiconductor (TI) 54ACT825SD Datasheet HTML 7Page - National Semiconductor (TI) 54ACT825SD Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation
44
pF
V
CC = 5.0V
Capacitance
www.national.com
6


Podobny numer części - 54ACT825SD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54ACT821 NSC-54ACT821 Datasheet
163Kb / 8P
   10-Bit D Flip-Flop with TRI-STATE Outputs
54ACT821F NSC-54ACT821F Datasheet
163Kb / 8P
   10-Bit D Flip-Flop with TRI-STATE Outputs
54ACT821L NSC-54ACT821L Datasheet
163Kb / 8P
   10-Bit D Flip-Flop with TRI-STATE Outputs
54ACT821SD NSC-54ACT821SD Datasheet
163Kb / 8P
   10-Bit D Flip-Flop with TRI-STATE Outputs
54ACT823 NSC-54ACT823 Datasheet
134Kb / 8P
   9-Bit D Flip-Flop
More results

Podobny opis - 54ACT825SD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74F825 FAIRCHILD-74F825 Datasheet
52Kb / 6P
   8-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54F825SDM NSC-54F825SDM Datasheet
161Kb / 8P
   8-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74ACT825 FAIRCHILD-74ACT825 Datasheet
74Kb / 7P
   8-Bit D-Type Flip-Flop
74F825 FAIRCHILD-74F825_00 Datasheet
63Kb / 6P
   8-Bit D-Type Flip-Flop
logo
Semtech Corporation
SK10E131PJ SEMTECH-SK10E131PJ Datasheet
113Kb / 4P
   4-bit D Flip-Flop
logo
National Semiconductor ...
54ACT823 NSC-54ACT823 Datasheet
134Kb / 8P
   9-Bit D Flip-Flop
74ACT823 NSC-74ACT823 Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
logo
ON Semiconductor
MC10E131 ONSEMI-MC10E131 Datasheet
104Kb / 4P
   4-BIT D FLIP-FLOP
1996 REV 3
logo
Micrel Semiconductor
SY10E131 MICREL-SY10E131_06 Datasheet
64Kb / 5P
   4-BIT D FLIP-FLOP
logo
Texas Instruments
74ACT11825 TI1-74ACT11825 Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com