Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ20501EVM Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części LMZ20501EVM
Szczegółowy opis  LMZ20502 SIMPLE SWITCHER짰 Evaluation Board
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LMZ20501EVM Arkusz danych(HTML) 4 Page - Texas Instruments

  LMZ20501EVM Datasheet HTML 1Page - Texas Instruments LMZ20501EVM Datasheet HTML 2Page - Texas Instruments LMZ20501EVM Datasheet HTML 3Page - Texas Instruments LMZ20501EVM Datasheet HTML 4Page - Texas Instruments LMZ20501EVM Datasheet HTML 5Page - Texas Instruments LMZ20501EVM Datasheet HTML 6Page - Texas Instruments LMZ20501EVM Datasheet HTML 7Page - Texas Instruments LMZ20501EVM Datasheet HTML 8Page - Texas Instruments LMZ20501EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
40
45
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
Output Current (A)
3V
4.2V
5V
C001
1.785
1.790
1.795
1.800
1.805
1.810
0.0
0.5
1.0
1.5
2.0
2.5
Output Current (A)
3V
4.2V
5V
C003
VIN
GND
VOUT
EN
VINS
GNDS
VOUTS RTD
TOP
FRONT
BOTTOM
FRONT
Typical Performance
www.ti.com
3.1
Edge Connector Description
VIN– Input supply to the module. Connect the supply from these pins to GND. Apply a voltage of between
2.7V and 5.5V from a supply that is capable of providing the required input current.
GND– Ground connection for the module.
VOUT– Output voltage connection. The user load should be connected between these pins and GND.
EN– Remote enable input of the converter. Remove the EN jumper and connect a control signal to this pin
to remotely enable the converter.
VINS– Input voltage sense pin. For accurate input voltage measurements, the DMM should be connected
between this pin and GNDS.
GNDS–Ground sense for all voltage measurements.
VOUTS– Output voltage sense pin. For accurate output voltage measurements, the DMM should be
connected between this pin and GNDS.
RTD– A 100
Ω RTD is connected from this pin to GNDS. It can be used to measure the temperature of the
bottom of the board, if desired.
Figure 5. Edge Connector Layout
4
Typical Performance
Figure 6 through Figure 11 shows examples of typical performance curves. These curves are applicable to
the circuit and components found in Figure 1 and are not guaranteed. The EMI results are valid for this
EVM only and will depend on the physical layout of the board and its connections.
Figure 6. Efficiency, V
OUT=1.8V AUTO MODE
Figure 7. Regulation, AUTO MODE
4
LMZ20502 SIMPLE SWITCHER® Evaluation Board
SNVU181 – February 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Podobny numer części - LMZ20501EVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ20501 TI1-LMZ20501 Datasheet
1Mb / 34P
[Old version datasheet]   1.0 A SIMPLE SWITCHER짰 Nano Module
LMZ20501SILR TI1-LMZ20501SILR Datasheet
1Mb / 34P
[Old version datasheet]   1.0 A SIMPLE SWITCHER짰 Nano Module
LMZ20501SILT TI1-LMZ20501SILT Datasheet
1Mb / 34P
[Old version datasheet]   1.0 A SIMPLE SWITCHER짰 Nano Module
LMZ20501 TI-LMZ20501_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ14203H SIMPLE SWITCHER짰 6V to 42V, 3A High Output Voltage Power Module
More results

Podobny opis - LMZ20501EVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ20502EVM TI-LMZ20502EVM Datasheet
3Mb / 13P
[Old version datasheet]   LMZ20502 SIMPLE SWITCHER짰 Evaluation Board
LMZ20502 TI-LMZ20502_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ20502 2 A SIMPLE SWITCHER짰 Nano Module
LMZ31704EVM-003 TI-LMZ31704EVM-003 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31503EVM-692 TI-LMZ31503EVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ34002EVM-001 TI-LMZ34002EVM-001 Datasheet
347Kb / 13P
[Old version datasheet]   Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ20502 TI-LMZ20502 Datasheet
153Kb / 3P
[Old version datasheet]   LMZ20502 2A SIMPLE SWITCHER Nano Module
logo
National Semiconductor ...
LMZ142033A NSC-LMZ142033A Datasheet
417Kb / 6P
   Demo Board SIMPLE SWITCHER짰 Power Module Quick Start Guide
logo
Texas Instruments
LMZ34002 TI1-LMZ34002_14 Datasheet
348Kb / 14P
[Old version datasheet]   Using the LMZ34002: Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
logo
National Semiconductor ...
LM2587 NSC-LM2587_04 Datasheet
810Kb / 27P
   SIMPLE SWITCHER짰 5A Flyback Regulator
LM2585 NSC-LM2585_07 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com