Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ30606EVM-003 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części LMZ30606EVM-003
Szczegółowy opis  LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LMZ30606EVM-003 Arkusz danych(HTML) 5 Page - Texas Instruments

  LMZ30606EVM-003 Datasheet HTML 1Page - Texas Instruments LMZ30606EVM-003 Datasheet HTML 2Page - Texas Instruments LMZ30606EVM-003 Datasheet HTML 3Page - Texas Instruments LMZ30606EVM-003 Datasheet HTML 4Page - Texas Instruments LMZ30606EVM-003 Datasheet HTML 5Page - Texas Instruments LMZ30606EVM-003 Datasheet HTML 6Page - Texas Instruments LMZ30606EVM-003 Datasheet HTML 7Page - Texas Instruments LMZ30606EVM-003 Datasheet HTML 8Page - Texas Instruments LMZ30606EVM-003 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
Test Point Descriptions
4
Test Point Descriptions
Fourteen wire-loop test points have been provided as convenient connection points for digital voltmeters
(DVM) or oscilloscope probes to aid in the evaluation of the device. A via labled PH is available near U1 to
scope on the switching frequency. A description of each test point is listed in Table 3
Table 3. Test Point Descriptions
TEST POINT
DESCRIPTION
VIN
Input voltage monitor. Connect DVM to this point for measuring efficiency.
VOUT
Output voltage monitor. Connect DVM to this point for measuring efficiency, line regulation, and
load regulation.
GND
Input and output voltage monitor grounds (located between terminal blocks). Reference the above
DVMs to any of these four ground points.
VIN (scope)
Input voltage scope monitor. Connect an oscilloscope to this set of points to measure input ripple
voltage.
VOUT (scope)
Output voltage scope monitor. Connect an oscilloscope to this set of points to measure output
ripple voltage and transient response.
PWRGD
Monitors the power good signal of the device. This is an open drain signal that requires an
external pull-up resistor to V
IN if monitoring is desired. A 10-kΩ to 100-kΩ pull-up resistor is
recommended. PWRGD is high if the output voltage is within 92% to 106% of its nominal value.
INH/UVLO
Connect this point to control ground to inhibit the device. Allow this point to float to enable the
device. Do not use a pull-up resistor. An external resistor can be connected from this point to
control ground to increase the under-voltage lockout (UVLO) of the device.
RT/CLK
Connects to the RT/CLK pin of the device. An external clock signal can be applied to this point to
synchronize the device to an appropriate frequency.
SS/TR
Connects to the internal slow-start capacitor of the device. An external capacitor can be
connected from this point to control ground to increase the slow-start time of the device. This
point can also be used as an input for tracking applications.
GND
Control grounds (located along bottom of EVM). Reference any signals associated with the
control test points to either of these two ground points.
5
Operation Notes
The UVLO threshold of the factory-stock EVM is approximately 3.05 V with 0.3 V of hysteresis. The input
voltage must be above the UVLO threshold in order to startup the device. The UVLO threshold can be
increased by adding a resistor to the INH/UVLO test point as described above. After startup, the minimum
input voltage to the device must be at least 2.95 V or (V
OUT + 1.1 V), whichever is greater, in order to
produce a regulated output. The maximum operating input voltage for the device is 6 V. Refer to the
device datasheet for further information on the input voltage range and UVLO operation.
After application of the proper input voltage, the output voltage of the device will ramp to its final value in
approximately 1 ms. If desired, this soft-start time can be increased by adding a capacitor to the SS/TR
test point as described above. Refer to the device datasheet for further information on adjusting the soft-
start time.
Table 1 lists the recommended switching frequencies for each of the V
OUT selections. These
recommendations cover operation over a wide range of input voltage and output load conditions. Several
factors such as duty cycle, minimum on-time, minimum off-time, and current limit influence selection of the
appropriate switching frequency. In some applications, other switching frequencies might be used for
particular output voltages, depending on the above factors. Refer to the device datasheet for further
information on switching frequency selection, including synchronization.
5
SNVU296 – JULY 2013
LMZ30604EVM-001/LMZ30602EVM-002/LMZ30606EVM-003, 2-A to 6-A
Simple Switcher Power Module
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


Podobny numer części - LMZ30606EVM-003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606RKGR TI1-LMZ30606RKGR Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606RKGR TI1-LMZ30606RKGR Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606RKGT TI1-LMZ30606RKGT Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results

Podobny opis - LMZ30606EVM-003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ36002 TI1-LMZ36002_16 Datasheet
861Kb / 36P
[Old version datasheet]   SIMPLE SWITCHER 4.5V to 60V Input, 2-A Power Module
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
LMZ34202 TI1-LMZ34202 Datasheet
629Kb / 31P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010 TI1-LMZ12010 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ23608 TI1-LMZ23608_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com