Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ30606EVM-003 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części LMZ30606EVM-003
Szczegółowy opis  LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LMZ30606EVM-003 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LMZ30606EVM-003 Datasheet HTML 7Page - Texas Instruments LMZ30606EVM-003 Datasheet HTML 8Page - Texas Instruments LMZ30606EVM-003 Datasheet HTML 9Page - Texas Instruments LMZ30606EVM-003 Datasheet HTML 10Page - Texas Instruments LMZ30606EVM-003 Datasheet HTML 11Page - Texas Instruments LMZ30606EVM-003 Datasheet HTML 12Page - Texas Instruments LMZ30606EVM-003 Datasheet HTML 13Page - Texas Instruments LMZ30606EVM-003 Datasheet HTML 14Page - Texas Instruments LMZ30606EVM-003 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.ti.com
List of Material
Table 4. LMZ3060xEVM-00x List of Material (continued)
-003
-002
-001
REF DES
DESCRIPTION
Part Number
MFR
2
2
2
TB1-2
Terminal block, 2 pin, 15 A, 5.1 mm, 0.40 inch x
ED120/2DS
OST
0.35 inch
8
8
8
TP1, TP2 TP8
Test point, white, thru hole, 5012, 0.125 inch x
5012
Keystone
TP10- TP14
0.125 inch
6
6
6
TP3-7 TP9
Test point, black, thru hole, 5011, 0.125 inch x
5011
Keystone
0.125 inch
0
0
1
U1
6-V input, 4-A Output Sync. Step-Down
LMZ30604RKG
TI
Converter with PWM, QFN
0
1
0
U1
6-V input, 2-A Output Sync. Step-Down
LMZ30604RKG
TI
Converter with PWM, QFN
1
0
0
U1
6-V input, 6-A Output Sync. Step-Down
LMZ30604RKG
TI
Converter with PWM, QFN
1
1
1
PCB, 0.063 inch H x 1.9 inch L x 3.9 inch W
PWR059
ANY
2
2
2
Conn jumper shorting gold flash
SPC02SYAN
Sullins
4
4
4
Bumpon hemisphere 0.44 inch x 0.20 inch clear,
SJ-5303
3M
0.440 inch Dia x 0.200 inch H
11
SNVU296 – JULY 2013
LMZ30604EVM-001/LMZ30602EVM-002/LMZ30606EVM-003, 2-A to 6-A
Simple Switcher Power Module
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


Podobny numer części - LMZ30606EVM-003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606RKGR TI1-LMZ30606RKGR Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606RKGR TI1-LMZ30606RKGR Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606RKGT TI1-LMZ30606RKGT Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results

Podobny opis - LMZ30606EVM-003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ36002 TI1-LMZ36002_16 Datasheet
861Kb / 36P
[Old version datasheet]   SIMPLE SWITCHER 4.5V to 60V Input, 2-A Power Module
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
LMZ34202 TI1-LMZ34202 Datasheet
629Kb / 31P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010 TI1-LMZ12010 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ23608 TI1-LMZ23608_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com