Zakładka z wyszukiwarką danych komponentów |
|
TS1100-25EG5 Arkusz danych(PDF) 8 Page - Silicon Laboratories |
|
TS1100-25EG5 Arkusz danych(HTML) 8 Page - Silicon Laboratories |
8 / 20 page 3. Electrical Characteristics Table 3.1. Recommended Operating Conditions1 Parameter Symbol Conditions Min Typ Max Units System Specifications Operating Voltage Range VDD 1.25 5.5 V Common-Mode Input Range VCM VRS+, Guaranteed by CMRR 2 27 V Note: 1. All devices 100% production tested at TA = +25 °C. Limits over Temperature are guaranteed by design and characterization. Table 3.2. DC Characteristics1 Parameter Symbol Conditions Min Typ Max Units System Specifications No Load Input Supply Current IRS+ + IRS–2 TA = +25 °C — 0.68 0.85 µA — — 1.0 VRS+ = 25 V TA = +25 °C — — 1.0 — — 1.2 IVDD — 0.02 0.2 Current Sense Amplifier Common Mode Rejection Ratio CMRR 2 V < VRS+ < 27 V 120 130 — dB Input Offset Voltage3 VOS TS1100 and TS1101 TA = +25 °C — ±30 ±100 µV –40 °C < TA < +85 °C — — ±200 TS1102 and TS1103 TA = +25 °C — ±30 ±200 –40 °C < TA < + 85 °C — — ±300 VOS Hysteresis4 VHYS TA = +25 °C — 10 — µV Gain G TS1100, TS1101, TS1102, TS1103 TS110x-25 — 25 — V/V TS110x-50 — 50 — TS110x-100 — 100 — TS110x-200 — 200 — Gain Error5 GE TA = +25 °C — ±0.1 ±0.6 % –40 °C < TA < +85 °C — ±1 % Gain Match5 GM TA = +25 °C — ±0.2 ±0.6 % –40 °C < TA < +85 °C — ±1 % Output Resistance6 ROUT TS110x-25/50/100 28.0 40.0 52 kΩ TS110x-200 14.0 20.0 26.4 TS1100/01/02/03 Data Sheet Electrical Characteristics silabs.com | Smart. Connected. Energy-friendly. Rev. 1.0 | 7 |
Podobny numer części - TS1100-25EG5 |
|
Podobny opis - TS1100-25EG5 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |