Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS1100-50EG5 Arkusz danych(PDF) 9 Page - Silicon Laboratories

Numer części TS1100-50EG5
Szczegółowy opis  High Side Bidirectional and Unidirectional Current Sense Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1100-50EG5 Arkusz danych(HTML) 9 Page - Silicon Laboratories

Back Button TS1100-50EG5 Datasheet HTML 5Page - Silicon Laboratories TS1100-50EG5 Datasheet HTML 6Page - Silicon Laboratories TS1100-50EG5 Datasheet HTML 7Page - Silicon Laboratories TS1100-50EG5 Datasheet HTML 8Page - Silicon Laboratories TS1100-50EG5 Datasheet HTML 9Page - Silicon Laboratories TS1100-50EG5 Datasheet HTML 10Page - Silicon Laboratories TS1100-50EG5 Datasheet HTML 11Page - Silicon Laboratories TS1100-50EG5 Datasheet HTML 12Page - Silicon Laboratories TS1100-50EG5 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OUT Low Voltage
VAOL
TS1100 and
TS1101
Gain = 25
5
mV
Gain = 50
10
Gain = 100
20
Gain = 200
40
TS1102 and
TS1103
Gain = 25
7.5
Gain = 50
15
Gain = 100
30
Gain = 200
60
OUT High Voltage
VAOH
VOH = VRS– – VOUT
0.05
0.2
V
Sign Comparator Parameters (TS1106 Only)
Output Low Voltage
VCOL
VDD = 1.25 V, ISINK = 5 µA
0.2
V
VDD = 1.8 V, ISINK = 35 µA
Output High Voltage
VCOH
VDD = 1.25 V, ISOURCE = 5 µA
VDD – 0.2
V
VDD = 1.8 V, ISOURCE = 35 µA
Notes:
1. VRS+ = 3.6 V; VSENSE = (VRS+ – VRS–) = 0 V; COUT = 47 nF; VDD = 1.8 V; TA = –40 °C to +105 °C, unless otherwise noted.
Typical values are at TA = +25 °C.
2. Extrapolated to VOUT=0V. IRS++IRS- is the total current into the RS+ and the RS– pins.
3. Input offset voltage VOS is extrapolated from a VOUT(+) measurement with VSENSE set to +1 mV and a VOUT(–) measurement with
VSENSE set to -1mV; vis-a-viz, Average VOS = (VOUT(–) – VOUT(+))/(2 x GAIN).
4. Amplitude of VSENSE lower or higher than VOS required to cause the comparator to switch output states.
5. Gain error is calculated by applying two values for VSENSE and then calculating the error of the actual slope vs. the ideal transfer
characteristic. TS1100 and TS1102 only applies positive VSENSE values.
For GAIN = 25, the applied VSENSE is 20 mV and 120 mV.
For GAIN = 50, the applied VSENSE is 10 mV and 60 mV.
For GAIN = 100, the applied VSENSE is 5 mV and 30 mV.
For GAIN = 200, the applied VSENSE is 2.5 mV and 15 mV.
6. The device is stable for any capacitance load at VOUT.
TS1100/01/02/03 Data Sheet
Electrical Characteristics
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 8


Podobny numer części - TS1100-50EG5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Touchstone Semiconducto...
TS1100-50 TOUCHSTONE-TS1100-50 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1100-50-EG6 SILABS-TS1100-50-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1100-50-EG6T SILABS-TS1100-50-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Podobny opis - TS1100-50EG5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
INA181 TI1-INA181 Datasheet
1Mb / 32P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181_17 Datasheet
1Mb / 34P
[Old version datasheet]   INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
logo
Linear Technology
LT1999-50 LINER-LT1999-50_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
LT1999-10 LINER-LT1999-10_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
LT1999-20 LINER-LT1999-20_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
   High-side current sense amplifier
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
   High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101_1 Datasheet
294Kb / 17P
   High side current sense amplifier
logo
Silicon Laboratories
SI8540 SILABS-SI8540 Datasheet
1Mb / 18P
   HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101 Datasheet
146Kb / 18P
   High side current sense amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com