Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3002ITD822T Arkusz danych(PDF) 10 Page - Silicon Laboratories

Numer części TS3002ITD822T
Szczegółowy opis  Easy-to-Use Silicon Oscillator/Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3002ITD822T Arkusz danych(HTML) 10 Page - Silicon Laboratories

Back Button TS3002ITD822T Datasheet HTML 5Page - Silicon Laboratories TS3002ITD822T Datasheet HTML 6Page - Silicon Laboratories TS3002ITD822T Datasheet HTML 7Page - Silicon Laboratories TS3002ITD822T Datasheet HTML 8Page - Silicon Laboratories TS3002ITD822T Datasheet HTML 9Page - Silicon Laboratories TS3002ITD822T Datasheet HTML 10Page - Silicon Laboratories TS3002ITD822T Datasheet HTML 11Page - Silicon Laboratories TS3002ITD822T Datasheet HTML 12Page - Silicon Laboratories TS3002ITD822T Datasheet HTML 13Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TS3002
Page 10
TS3002 Rev. 1.0
signal at its PWMOUT terminal that is anti-phase with
respect to FOUT. In addition, applying a voltage at
the CNTRL both enables the TS3002’s internal PWM
engine as well as adjusting the duty cycle from 12%
to 90%. A dc control voltage equal to 0.03 x VDD
applied to the CNTRL pin enables the PWM engine
to set the duty cycle to 12%. A dc control voltage
equal to 0.27 x VDD increases the duty cycle to 90%
and connecting CNTRL to VDD disables the PWM
engine altogether. Configured for nominal operation
(PWM engine OFF, BOOST pin to GND), the supply
current of the TS3002 is 1µA; enabling the PWM
engine increases the TS3002 operating supply
current as shown in the electrical specification table.
The BOOST pin controls the propagation delay of the
TS3002’s internal comparators. When BOOST is
connected
to
GND,
the
TS3002’s
maximum
programmable
operating
frequency
is
~90kHz.
Connecting the BOOST pin to VDD reduces the
propagation delay of the internal oscillators, thereby
extending
the
high
end
maximum
operating
frequency to 290kHz.
APPLICATIONS INFORMATION
Minimizing Power Consumption
To keep the TS3002’s power consumption low,
resistive loads at the FOUT and PWMOUT terminals
increase dc power consumption and therefore should
be as large as possible. Capacitive loads at the
FOUT
and
PWMOUT
terminals
increase
the
TS3002’s transient power consumption and, as well,
should be as small as possible.
One challenge to minimizing the TS3002’s transient
power consumption is the probe capacitance of
oscilloscopes and frequency counter instruments.
Most instruments exhibit an input capacitance of
15pF or more. Unless buffered, the increase in
transient load current can be as much as 400nA.
To minimize capacitive loading, the technique shown
in Figure 1 can be used. In this circuit, the principle of
series-connected capacitors can be used to reduce
the effective capacitive load at the TS3002’s FOUT
and PWMOUT terminals.
To determine the optimal value for CEXT once the
probe capacitance is known by simply solving for
CEXT using the following expression:
CEXT=
1
1
CLOAD(EFF)
-
1
CPROBE
For
example,
if
the
instrument’s
input
probe
capacitance is 15pF and the desired effective load
capacitance at either or both FOUT and PWMOUT
terminals is to be
≤5pF, then the value of CEXT should
be
≤7.5pF.
TS3002 Start-up Time
As the TS3002 is powered up, its FOUT terminal
(and PWMOUT terminal, if enabled) is active once
the applied VDD is higher than 0.9 volt. Once the
applied VDD is higher than 0.9 volt, the master
oscillator achieves steady-state operation within
1.2ms.
Current- and Voltage-Controlled Oscillators
The
TS3002
can
be
configured
into
a
Current-Controlled Oscillator as shown in Figure 2.
With a current source sourcing a current of 223nA to
262nA, FOUT can generate an output signal with a
frequency range of 5.2kHz to 90kHz. In a similar
manner, a Voltage-Controlled Oscillator can be
configured as shown in Figure 3. In this case, a
voltage source sourcing a voltage of 290mV to
Figure 1: Using an External Capacitor in Series with
Probes Reduces Effective Capacitive Load.
Figure 2: Configuring the TS3002 into a
Current-Controlled Oscillator.


Podobny numer części - TS3002ITD822T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Touchstone Semiconducto...
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
logo
List of Unclassifed Man...
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30022 ETC2-TS30022 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
More results

Podobny opis - TS3002ITD822T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
TS3001 SILABS-TS3001 Datasheet
1Mb / 11P
   Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
logo
Touchstone Semiconducto...
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
TS3001 TOUCHSTONE-TS3001 Datasheet
746Kb / 10P
   A 1V/1uA Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
   Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
   Easy-to-use SOUNDPLUS
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
   Easy-to-use SOUNDPLUS
GPES209B1 GENERALPLUS-GPES209B1 Datasheet
277Kb / 13P
   Easy-to-use SOUNDPLUS
GPES240B2 GENERALPLUS-GPES240B2 Datasheet
390Kb / 14P
   Easy-to-use SOUNDPLUS
GPES207B1 GENERALPLUS-GPES207B1 Datasheet
280Kb / 13P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com