Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3005 Arkusz danych(PDF) 6 Page - Silicon Laboratories

Numer części TS3005
Szczegółowy opis  Single Resistor Sets Output Frequency
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3005 Arkusz danych(HTML) 6 Page - Silicon Laboratories

Back Button TS3005 Datasheet HTML 2Page - Silicon Laboratories TS3005 Datasheet HTML 3Page - Silicon Laboratories TS3005 Datasheet HTML 4Page - Silicon Laboratories TS3005 Datasheet HTML 5Page - Silicon Laboratories TS3005 Datasheet HTML 6Page - Silicon Laboratories TS3005 Datasheet HTML 7Page - Silicon Laboratories TS3005 Datasheet HTML 8Page - Silicon Laboratories TS3005 Datasheet HTML 9Page - Silicon Laboratories TS3005 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TS3005
Page 6
TS3005 Rev. 1.0
PIN FUNCTIONS
PIN
NAME
FUNCTION
1
FOUT
Fixed Frequency Output. A push-pull output stage with an
output resistance of 160
Ω. FOUT pin swings from GND to
VDD. For lowest power operation, capacitance loads should
be minimized and resistive loads should be maximized.
2,3,4
FDIV2:0
Frequency Divider Input. Various combinations of these
inputs will change the FOUT frequency for a fixed value of
RSET. Refer to Table 1.
5
PWMOUT
Pulse-width Modulated Output. A push-pull output stage with
an output resistance of 160
Ω, the PWMOUT pin is wired
anti-phase with respect to FOUT and swings from GND to
VDD. For lowest power operation, capacitance loads should
be minimized and resistive loads should be maximized.
6
PWM_CNTRL
PWM Output Pulse Control Pin. Applying a voltage between
GND and VRSET will reduce the duty cycle of the PWMOUT
output that is set by the capacitor connected to the CPWM
pin. Connect PWM_CNTRL to VDD for fixed PWMOUT
output pulse time (determined only by capacitor at CPWM).
7
GND
Ground. Connect this pin to the system’s analog ground
plane.
8
CPWM
PWMOUT Pulse Width Programming Capacitance Input. A
target capacitance connected from this pin to GND sets the
duty cycle of the PMW output. Minimize any stray
capacitance on this pin. The voltage on this pin will swing
from GND to VRSET. Connect CPWM to VDD to disable PWM
function (saves PWM current).
9
VDD
Power Supply Voltage Input. The supply voltage range is
1.55V
≤ VDD ≤ 5.25V. Bypass this pin with a 0.1uF ceramic
coupling capacitor in close proximity to the TS3005.
10
RSET
FOUT Programming Resistor Input. A 4.32MOhm resistor
connected from this pin to ground sets the T3005’s internal
oscillator’s output period to 20ms (49Hz). For optimal
performance, the composition of the RSET resistor shall be
consistent with a tolerance of 1% or lower. The RSET pin
voltage is approximately 0.3V.


Podobny numer części - TS3005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Touchstone Semiconducto...
TS3005 TOUCHSTONE-TS3005 Datasheet
820Kb / 11P
   A 1.55V to 5.25V, 1.35uA, 1.7ms to 33hrs Silicon Timer
TS3005DB TOUCHSTONE-TS3005DB Datasheet
346Kb / 4P
   A 1.55V to 5.25V, 1.35關A, 1.7ms to 33hrs Silicon Timer
TS3005ITD1033T TOUCHSTONE-TS3005ITD1033T Datasheet
820Kb / 11P
   A 1.55V to 5.25V, 1.35uA, 1.7ms to 33hrs Silicon Timer
TS3005ITD1033TP TOUCHSTONE-TS3005ITD1033TP Datasheet
820Kb / 11P
   A 1.55V to 5.25V, 1.35uA, 1.7ms to 33hrs Silicon Timer
More results

Podobny opis - TS3005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
TS3006 SILABS-TS3006 Datasheet
1Mb / 10P
   Single Resistor Sets Output Frequency
TS3004 SILABS-TS3004 Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
TS3003 SILABS-TS3003 Datasheet
1Mb / 11P
   Single Resistor Sets Output Frequency
logo
Token Electronics Indus...
RY31A TOKEN-RY31A Datasheet
405Kb / 5P
   High Frequency Resistor
logo
Caddock Electronics, In...
USGS-3-1110-300M-B5 CADDOCK-USGS-3-1110-300M-B5 Datasheet
342Kb / 1P
   Type USGS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
USFS-3-370-30M-B2 CADDOCK-USFS-3-370-30M-B2 Datasheet
328Kb / 1P
   Type USFS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
logo
Integrated Device Techn...
ICS853S013I IDT-ICS853S013I Datasheet
802Kb / 16P
   Output frequency
ICS8S89831I IDT-ICS8S89831I Datasheet
744Kb / 21P
   Output frequency
logo
Welwyn Components Limit...
PFCHF WELWYN-PFCHF Datasheet
192Kb / 3P
   High Frequency Chip Resistor Terminators
logo
Anaren Microwave
R2B131350R0J5J0 ANAREN-R2B131350R0J5J0 Datasheet
197Kb / 3P
   Anaren High Frequency Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com