Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3300ITQ1633 Arkusz danych(PDF) 7 Page - Silicon Laboratories

Numer części TS3300ITQ1633
Szczegółowy opis  High-Efficiency Boost Output Load Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3300ITQ1633 Arkusz danych(HTML) 7 Page - Silicon Laboratories

Back Button TS3300ITQ1633 Datasheet HTML 3Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 4Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 5Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 6Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 7Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 8Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 9Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 10Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TS3300
TS3300 Rev. 1.0
Page 7
PIN FUNCTIONS
PIN
NAME
FUNCTION
1
BI
Boost Input. Connect to input source. CBI Connection.
2
CCP
Place a 3.3nF capacitor between this pin and GND
3
BEN
Boost Enable (active low). To enable the TS3300, connect this to GND. To
disable the TS3300, set the voltage to greater than VBI – 50mV.
4
BI FB
Boost Input Feedback for Anti-Crush Voltage Setting. The BI FB pin
voltage is 392mV. To set the anti-crush voltage, refer to the Applications
Information section and to Figure 4.
5
FAC
Factory use only. Do not connect to GND or VDD. Leave open.
6
SW EN
Connect to REGIN.
7
REG EN
Output Load-Switch Logic Input Control (active low).
8
REG FB
Connect to REGIN.
9
GND
Ground. Connect this pin to the analog ground plane.
10
REGOUT
Boost Regulator Load-Switch output.
11
REGIN
Boost Regulator Load-Switch input. Connect to BO for use.
12
GND
Ground. Connect this pin to the analog ground plane.
13
BO FB
Boost Output Feedback. The BO FB pin voltage is 505mV. BO FB coupled
with a voltage divider circuit sets the boost regulator output voltage. Refer
to Figure 3.
14
BO
Regulated output voltage set by resistor network. To set regulated output
voltage, refer to Figure 3. CBO connection.
15
LSW
Inductor Connection.
16
GND
Ground. Connect this pin to the analog ground plane.
EP
For best electrical and thermal performance, connect exposed paddle to
GND.
BLOCK DIAGRAM


Podobny numer części - TS3300ITQ1633

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Touchstone Semiconducto...
TS3300ITQ1633T TOUCHSTONE-TS3300ITQ1633T Datasheet
1Mb / 14P
   0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
TS3300ITQ1633TP TOUCHSTONE-TS3300ITQ1633TP Datasheet
1Mb / 14P
   0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
More results

Podobny opis - TS3300ITQ1633

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Huazhimei Semi...
HM5180 HMSEMI-HM5180 Datasheet
624Kb / 6P
   60W output synchronous high efficiency boost chip
logo
Linear Technology
LTC3780 LINER-LTC3780 Datasheet
421Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789_15 Datasheet
535Kb / 30P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780EG LINER-LTC3780EG Datasheet
556Kb / 30P
   High Efficiency, Synchronous,4-Switch Buck-Boost Controller
LTC3780 LINER-LTC3780_15 Datasheet
629Kb / 30P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789 Datasheet
491Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780EG-PBF LINER-LTC3780EG-PBF Datasheet
629Kb / 30P
   High Efficiency, Synchronous 4-Switch Buck-Boost Controller
logo
Vincotech
10-F106BIB020FK-M285L VINCOTECH-10-F106BIB020FK-M285L Datasheet
452Kb / 5P
   High efficiency symmetric boost
logo
Richtek Technology Corp...
RT4813A RICHTEK-RT4813A Datasheet
1,002Kb / 15P
   High Efficiency Boost Converter
RT4813 RICHTEK-RT4813 Datasheet
1,011Kb / 16P
   High Efficiency Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com