Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS7001IM8T Arkusz danych(PDF) 5 Page - Silicon Laboratories

Numer części TS7001IM8T
Szczegółowy opis  A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS7001IM8T Arkusz danych(HTML) 5 Page - Silicon Laboratories

  TS7001IM8T Datasheet HTML 1Page - Silicon Laboratories TS7001IM8T Datasheet HTML 2Page - Silicon Laboratories TS7001IM8T Datasheet HTML 3Page - Silicon Laboratories TS7001IM8T Datasheet HTML 4Page - Silicon Laboratories TS7001IM8T Datasheet HTML 5Page - Silicon Laboratories TS7001IM8T Datasheet HTML 6Page - Silicon Laboratories TS7001IM8T Datasheet HTML 7Page - Silicon Laboratories TS7001IM8T Datasheet HTML 8Page - Silicon Laboratories TS7001IM8T Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TS7001
TS7001 Rev. 1.0
Page 5
TIMING SPECIFICATIONS1
VDD = +2.7V to +3.6V; TA = TMIN to TMAX, unless otherwise noted.
Parameter
Limit
Unit
Description
fSCLK
2
3
MHz (max)
External serial clock
tCONVERT
14.5 × tSCLK
Conversion Time
tACQ
1.5 × tSCLK
Throughput Time = tCONVERT + tACQ = 16 tSCLK
t1
10
ns (min)
CS to SCLK Setup Time
t2
3
60
ns (max)
Delay from CS until DOUT three-state disabled
t3
3
100
ns (max)
Data Access Time after SCLK High-to-Low Edge
t4
20
ns (min)
Data Setup Time prior to SCLK Low-to-High Edge
t5
20
ns (min)
Data Valid to SCLK Hold Time
t6
0.4 × tSCLK
ns (min)
SCLK high Pulse Width
t7
0.4 × tSCLK
ns (min)
SCLK low Pulse Width
t8
4
80
ns (max)
CS rising edge to DOUT High-Z
t9
5
μs (typ)
Power-up Time from Shutdown
Note 1: Timing specifications are sample tested at 25°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of
VDD) and timed relative to a voltage level of 1.6V.
Note 2: The mark/space ratio for the SCLK input is 40/60 to 60/40. See Serial Interface section for additional details.
Note 3: Measured with the load circuit as shown below and defined as the time required for the output to cross 0.8V or 2.0V.
Note 4: Timing specification t8 is derived from the measured time taken by the data outputs to change 0.5V when loaded with the circuit shown
below. The measured result is then extrapolated back to remove the effects of charging or discharging the 50pF capacitor. This
means that the time, t8, quoted in the timing characteristics is the true bus relinquish time of the TS7001 and is independent of bus
loading.
Load Circuit Used for TS7001’s Digital Output Timing
Specifications.


Podobny numer części - TS7001IM8T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Touchstone Semiconducto...
TS7001IM8T TOUCHSTONE-TS7001IM8T Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
TS7001IM8TP TOUCHSTONE-TS7001IM8TP Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
More results

Podobny opis - TS7001IM8T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Touchstone Semiconducto...
TS7001 TOUCHSTONE-TS7001 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
TSA7887 TOUCHSTONE-TSA7887 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Silicon Laboratories
TSA7887 SILABS-TSA7887 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Analog Devices
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
logo
STMicroelectronics
ADC1283 STMICROELECTRONICS-ADC1283 Datasheet
782Kb / 24P
   8 multiplexed channels, 50 ksps to 200 ksps, 12-bit SAR ADC
Rev 1 - March 2022
logo
Maxim Integrated Produc...
MAXSPCSPARTAN6 MAXIM-MAXSPCSPARTAN6 Datasheet
1Mb / 9P
   12-Bit, 2-/4-Channel, SAR ADC Support (MAX11612)
Rev 0; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com