Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54ACTQ574F Arkusz danych(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części 54ACTQ574F
Szczegółowy opis  Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ574F Arkusz danych(HTML) 1 Page - National Semiconductor (TI)

  54ACTQ574F Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ574F Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ574F Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ574F Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ574F Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ574F Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ574F Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ574F Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54ACTQ574
Quiet Series Octal D Flip-Flop with TRI-STATE® Outputs
General Description
The ACTQ574 is a high-speed, low-power octal D-type
flip-flop with a buffered Common Clock (CP) and a buffered
common Output Enable (OE). The information presented to
the D inputs is stored in the flip-flops on the LOW-to-HIGH
clock (CP) transition.
ACTQ574 utilizes Quiet Series technology to guarantee
quiet output switching and improve dynamic threshold per-
formance. FACT Quiet Seriesfeatures GTOoutput con-
trol and undershoot corrector in addition to a split ground bus
for superior performance.
The ACTQ574 is functionally identical to the ’ACTQ374 but
with different pin-out.
Features
n ICC and IOZ reduced by 50%
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Inputs and outputs on opposite sides of the package
allowing easy interface with microprocessors
n Functionally identical to the ACTQ374
n TRI-STATE outputs drive bus lines or buffer memory
address registers
n Outputs source/sink 24 mA
n Faster prop delays than the standard ACT574
n 4 kV minimum ESD immunity
Logic Diagrams
Pin Names
Description
D
0–D7
Data Inputs
CP
Clock Pulse Input
OE
TRI-STATE Output Enable Input
O
0–O7
TRI-STATE Outputs
GTOis a trademark of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
FACT Quiet Seriesis a trademark of Fairchild Semiconductor Corporation.
DS100243-1
IEEE/IEC
DS100243-2
August 1998
© 1998 National Semiconductor Corporation
DS100243
www.national.com


Podobny numer części - 54ACTQ574F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54ACTQ574FMQB NSC-54ACTQ574FMQB Datasheet
34Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
More results

Podobny opis - 54ACTQ574F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54ACQ374 NSC-54ACQ374 Datasheet
173Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
74ACT534 NSC-74ACT534 Datasheet
165Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
54AC374 NSC-54AC374 Datasheet
170Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
74FCT534 NSC-74FCT534 Datasheet
142Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
logo
Texas Instruments
54AC374 TI1-54AC374 Datasheet
215Kb / 10P
[Old version datasheet]   Octal D Flip-Flop with TRI-STATE Outputs
logo
National Semiconductor ...
54FCT374A NSC-54FCT374A Datasheet
213Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
MN54ACTQ574-X NSC-MN54ACTQ574-X Datasheet
34Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
54ACT534 NSC-54ACT534 Datasheet
149Kb / 6P
   Octal D Flip-Flop with TRI-STATE Outputs
54ACTQ821 NSC-54ACTQ821 Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACQ821 NSC-54ACQ821 Datasheet
268Kb / 10P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com