Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC2212 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części FDC2212
Szczegółowy opis  Capacitance-to-Digital Converter for Proximity Level Sensing Applications
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2212 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button FDC2212 Datasheet HTML 7Page - Texas Instruments FDC2212 Datasheet HTML 8Page - Texas Instruments FDC2212 Datasheet HTML 9Page - Texas Instruments FDC2212 Datasheet HTML 10Page - Texas Instruments FDC2212 Datasheet HTML 11Page - Texas Instruments FDC2212 Datasheet HTML 12Page - Texas Instruments FDC2212 Datasheet HTML 13Page - Texas Instruments FDC2212 Datasheet HTML 14Page - Texas Instruments FDC2212 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
IN0A
IN0B
IN1A
IN1B
FDC2112 / FDC2212
VDD
GND
SCL
SDA
Int. Osc.
ADDR
INTB
SD
GND
MCU
VDD
3.3 V
3.3 V
GPIO
GPIO
0.1 F 1 F
Core
Resonant
circuit driver
Resonant
circuit driver
I
2C
I
2C
peripheral
3.3 V
L
Cap
Sensor 0
CLKIN
40 MHz
C
L
Cap
Sensor 1
C
FDC2212, FDC2214, FDC2112, FDC2114
www.ti.com
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
9 Detailed Description
9.1 Overview
The FDC2112, FDC2114, FDC2212, and FDC2214 are high-resolution, multichannel capacitance-to-digital
converters for implementing capacitive sensing solutions. In contrast to traditional switched-capacitance
architectures, the FDC2112, FDC2114, FDC2212, and FDC2214 employ an L-C resonator, also known as L-C
tank, as a sensor. The narrow-band architecture allows unprecedented EMI immunity and greatly reduced noise
floor when compared to other capacitive sensing solutions.
Using this approach, a change in capacitance of the L-C tank can be observed as a shift in the resonant
frequency. Using this principle, the FDC is a capacitance-to-digital converter (FDC) that measures the oscillation
frequency of an LC resonator. The device outputs a digital value that is proportional to frequency. This frequency
measurement can be converted to an equivalent capacitance
9.2 Functional Block Diagrams
Figure 10. Block Diagram for the FDC2112 and FDC2212
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114


Podobny numer części - FDC2212

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
FDC2212 TI1-FDC2212 Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
FDC2212-Q1 TI1-FDC2212-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
FDC2212DNTR TI1-FDC2212DNTR Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
FDC2212DNTT TI1-FDC2212DNTT Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
FDC2212QDNTRQ1 TI1-FDC2212QDNTRQ1 Datasheet
1Mb / 58P
[Old version datasheet]   Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
More results

Podobny opis - FDC2212

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
FDC2112-Q1 TI1-FDC2112-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
logo
ams AG
TSL27721 AMSCO-TSL27721 Datasheet
848Kb / 56P
   Light-to-Digital Converter with Proximity Sensing
TSL27711 AMSCO-TSL27711 Datasheet
780Kb / 50P
   Light-to-Digital Converter with Proximity Sensing
TSL2771 AMSCO-TSL2771 Datasheet
780Kb / 33P
   LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
TSL2772 AMSCO-TSL2772 Datasheet
1Mb / 35P
   LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
   Converter for Proximity Sensing
logo
ams AG
TCS3772 AMSCO-TCS3772 Datasheet
1Mb / 33P
   COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
logo
TEXAS ADVANCED OPTOELEC...
TMD37821 TAOS-TMD37821 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
logo
ams AG
TMD3782 AMSCO-TMD3782 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
logo
TEXAS ADVANCED OPTOELEC...
TMD37823 TAOS-TMD37823 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com