Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES-420 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części ES-420
Szczegółowy opis  ES-420 PoE ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS422/485 Power Over Ethernet PoE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

ES-420 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  ES-420 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES-420 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES-420 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES-420 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Connect, Configure, Control
GB AEOF 00031/11
ES-420 PoE ETHERNET TO SERIAL DEVICE SERVER
Ethernet 1 Port RS422/485 Power Over Ethernet PoE
CONNECT, CONFIGURE, CONTROL YOUR SERIAL DEVICES
1 Port RS-422/485 with Power over Ethernet IEEE802.3af
Ethernet to Serial Device Server
Data rate from 110 to 1,000,000 baud
User friendly interface, simple to use, powerful in operation
Serial Port Tunnelling allows serial cable replacement over any
distance, no software required
Optional DIN rail mounting kit and stand alone power supply
Ethernet to Serial device server with Power over Ethernet providing access to one RS422/485 serial port. Data transfer rates up to 1,000,000 baud,
coupled with 1Mbit/s line drivers deliver uncompromising performance. Power over Ethernet PoE uses IEEE 802.3af standard, compatible with any
PoE switch.Our ES range provides simple instant networked serial ports. RS485 - 1 twisted pair - half duplex configuration with autogating provides
trouble free data transmission due to automatic control of data direction. A web interface allows secure configuration and control of the serial ports
over a local network or the internet using any browser. For Windows our in-house designed 32 bit and 64 bit driver gives you local COM ports,
retaining existing software applications and allowing you to connect across your network to remote devices just as if they were attached locally. Serial
Port Tunnelling individually configurable allows serial cable replacement over any distance, no software required. You can access the device via TCP/
IP sockets from any networked device like an Android tablet, PC or phone. On Windows OS TCP/IP sockets are handled by the Winsock API, this will
differ on other OSs.
Extend your reach! Remote serial devices with local control. With Brainboxes industry renowned Lifetime Warranty and Lifetime Support!
PoE Switch
PoE
Single Cable
Serial
Features
Description
Example Application


Podobny numer części - ES-420

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
ES-4-7 MACOM-ES-4-7 Datasheet
39Kb / 1P
   E-Series 4-Way 0 Power Divider 5 - 750 MHz
logo
DB Lectro Inc
ES-4-P21CG-A5 DBLECTRO-ES-4-P21CG-A5 Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
ES-4-P21CG-A5S DBLECTRO-ES-4-P21CG-A5S Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
ES-4-P21CK-A5 DBLECTRO-ES-4-P21CK-A5 Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
ES-4-P21CK-A5S DBLECTRO-ES-4-P21CK-A5S Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
More results

Podobny opis - ES-420

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ES-413 ETC2-ES-413 Datasheet
1Mb / 4P
   ES-413 PoE ETHERNET TO SERIAL DEVICE SERVER Ethernet 2 Port RS422/485 Power Over Ethernet PoE
logo
Black Box Registered Tr...
ES-320 BLACKBOX-ES-320 Datasheet
527Kb / 4P
   ES-320 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS422/485
ES-313 BLACKBOX-ES-313 Datasheet
541Kb / 4P
   ES-313 ETHERNET TO SERIAL DEVICE SERVER Ethernet 2 Port RS422/485
ES-346 BLACKBOX-ES-346 Datasheet
636Kb / 4P
   ES-346 ETHERNET TO SERIAL DEVICE SERVER Ethernet 4 Port RS422/485
ES-357 BLACKBOX-ES-357 Datasheet
1Mb / 4P
   ES-357 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS232 1 Port RS422/485
ES-842 BLACKBOX-ES-842 Datasheet
713Kb / 4P
   ETHERNET TO SERIAL DEVICE SERVER Ethernet 8 Port RS422/485
ES-246 BLACKBOX-ES-246 Datasheet
956Kb / 4P
   ES-246 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS232
logo
Coolgear Inc.
MSD-SRP2XM-PRO COOLGEAR-MSD-SRP2XM-PRO Datasheet
278Kb / 2P
   2-Port RS-232/422/485 Serial to Ethernet Device Server, PoE Power
7/9/2021
logo
Black Box Registered Tr...
ES-279 BLACKBOX-ES-279 Datasheet
944Kb / 4P
   ES-279 ETHERNET TO SERIAL DEVICE SERVER Ethernet 8 Port RS232
ES-257 BLACKBOX-ES-257 Datasheet
1Mb / 4P
   ES-257 ETHERNET TO SERIAL DEVICE SERVER Ethernet 2 Port RS232
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com