Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDS43040 Arkusz danych(PDF) 4 Page - Powerex Power Semiconductors

Numer części TDS43040
Szczegółowy opis  Phase Control Thyristor 2850 Amperes 800 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWEREX [Powerex Power Semiconductors]
Strona internetowa  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

TDS43040 Arkusz danych(HTML) 4 Page - Powerex Power Semiconductors

  TDS43040 Datasheet HTML 1Page - Powerex Power Semiconductors TDS43040 Datasheet HTML 2Page - Powerex Power Semiconductors TDS43040 Datasheet HTML 3Page - Powerex Power Semiconductors TDS43040 Datasheet HTML 4Page - Powerex Power Semiconductors TDS43040 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TDS4__4002
Phase Control Thyristor
Powerex, Inc., 173 Pavilion Ln, Youngwood, PA 15697 www.pwrx.com
(724)925-7272
4000Amperes 3000Volts
0.00
0.50
1.00
1.50
2.00
2.50
3.00
100
1000
10000
100000
ITM (A)
Maximum On-State Voltage Drop
Tj = 125
°C
0.0E+00
1.0E-03
2.0E-03
3.0E-03
4.0E-03
5.0E-03
6.0E-03
7.0E-03
8.0E-03
0.001
0.01
0.1
1
10
100
Time (sec)
MAXIMUM TRANSIENT THERMAL
IMPEDANCE
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
0
1000
2000
3000
4000
5000
Iavg
(A)
Maximum On-State Power Dissipation
Sinusoidal Waveform
60
°
90
°
120
°
180
°
180°
360°
CONDUCTION ANGLE
60
70
80
90
100
110
120
130
0
1000
2000
3000
4000
5000
Iavg
(A)
Maximum Allowable Case Temperature
Sinusoidal Waveform
60
°
90
°
120
°
180
°
180°
360°
CONDUCTION ANGLE
0
2000
4000
6000
8000
10000
12000
0
1500
3000
4500
6000
Iavg
(A)
Maximum On-State Power Dissipation
Square Waveform
60
°
90
° 120°
180
°
180°
360°
CONDUCTION ANGLE
360
°
60
70
80
90
100
110
120
130
0
1500
3000
4500
6000
Iavg
(A)
Maximum Allowable Case Temperature
Square Waveform
60
°
90
°
120
° 180°
180°
360°
CONDUCTION ANGLE
360
°
Page 4 of 5


Podobny numer części - TDS43040

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TEKTRONIX, INC.
TDS400 TEKTRONIX-TDS400 Datasheet
202Kb / 4P
   Differential Preamplifier
logo
Semtech Corporation
TDS4001P SEMTECH-TDS4001P Datasheet
1Mb / 9P
   Transient Diverting Suppressor 1-Line, 40V (24VAC) EOS Protection
Rev 2.0 6/14/2021
TDS4001P.C SEMTECH-TDS4001P.C Datasheet
1Mb / 9P
   Transient Diverting Suppressor 1-Line, 40V (24VAC) EOS Protection
Rev 2.0 6/14/2021
TDS4501P SEMTECH-TDS4501P Datasheet
861Kb / 10P
   Transient Diverting Suppressor 1-Line, 45V (24VAC) EOS Protection
Rev 2.0 7/2/2021
TDS4501P.C SEMTECH-TDS4501P.C Datasheet
861Kb / 10P
   Transient Diverting Suppressor 1-Line, 45V (24VAC) EOS Protection
Rev 2.0 7/2/2021
More results

Podobny opis - TDS43040

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Powerex Power Semicondu...
T9S7321403 POWEREX-T9S7321403 Datasheet
282Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
T9S0161803 POWEREX-T9S0161803 Datasheet
140Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
T9S00828 POWEREX-T9S00828 Datasheet
134Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
T9S00834 POWEREX-T9S00834 Datasheet
145Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
TAKC651103 POWEREX-TAKC651103 Datasheet
117Kb / 4P
   Phase Control Thyristor 1100 Amperes 6500 Volts
C380AX500 POWEREX-C380AX500 Datasheet
199Kb / 4P
   Phase Control SCR 310 Amperes Avg 800 Volts
C430AX500 POWEREX-C430AX500 Datasheet
248Kb / 6P
   Phase Control SCR 800 Amperes Avg 100-600 Volts
FT1000A POWEREX-FT1000A Datasheet
211Kb / 6P
   Phase Control SCR 1000 Amperes Avg 800-2500 Volts
P1Z7AAR700W POWEREX-P1Z7AAR700W Datasheet
130Kb / 6P
   Phase Control Modules (345-800 Amperes/400-3000 Volts)
FT500A POWEREX-FT500A Datasheet
222Kb / 6P
   Phase Control SCR 400 Amperes Avg 800-2500 Volts
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com