Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5393 Arkusz danych(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Numer części SM5393
Szczegółowy opis  SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Strona internetowa  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SM5393 Arkusz danych(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  SM5393 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SM5393 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
特征 FEATURES
DO-213AB
.理想表面粘贴安装. Ideal for surface mounted applications
.易拿易放.Easy pick and place
.低漏电. Low leakage current
.快速转换.Fast switching
.高温焊接保障:250℃/10S.375”,(9.5mm)引线长度.
High temperature soldering guaranteed:
250℃/10 seconds/.375”,(9.5mm) lead lengths
机械数据 MECHANICAL DATA
.封装:模塑 DO-213AB 封装.Case: Molded plastic DO-213AB
.封装材料:用 UL94V-0 认可的阻燃环氧材料料.
Epoxy: UL94V-0 rate flame retardant
.端子:镀锡端子可焊接性符合 MIL-STD-202,方法 208.
Terminals: Plated terminals, solderable per
MIL-STD-202, method 208
.极性:色环表阴极.Polarity: Color band denotes cathode end
.安装:位置任意.
Mounting position: Any
.重量:0.12 克 .
Weight: 0.12gram
Dimension inches (millimeters)
极限值和电参数
TA= 25℃除非另有规定. 单相,正半弦波,60HZ,阻抗或电感负载.为电容装载,减 少电流的 20%
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
Ambient temp. Unless otherwise specified
.Single phase, half sine wave, 60HZ,resistive or inductive load.
For capacitive load, derate current by 20%
SYMBO
L
SM
5391
SM
5392
SM
5393
SM
5394
SM
5395
SM
5396
SM
5397
SM
5398
SM
5399
UNITS
最大峰值反向电压
Maximum current Peak Reverse Voltage
VRRM
50
100 200 300 400 500 600 800 1000
Volts
最大反向有效电流
Maximum RMS Voltage
VRMS
35
70
140 210 280 350 420 560 700
Volts
最大直流阻断电压
Maximum DC Blocking Voltage
VDC
50
100 200 300 400 500 600 800 1000
Volts
最大正向平均整流电流
TT=75℃
Maximum Average Forward Rectified Current
I(AV)
1.5
Amps
正向峰值浪涌电流
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
Method)
IFSM
50
Amps
1.5A 直流电时最大正向瞬间电压降
Maximum Instantaneous Forward Voltage @ 1.5A
VF
1.1
Volts
最大反向漏电流
Maximum DC Reverse Current @ TA=25℃
at Rated DC Blocking Voltage @ TA=125℃
IR
5.0
100.0
uA
典型热阻
Typical Thermal Resistance RθJA ( Note1 )
RθJA
60.0
/W
典型结电容
Typical Junction Capacitance ( Note 2 )
CJ
15
pF
工作温度存储温度
Operating AND Storage Temperature Range
TJ
/TSTG
-55 to +150
Notes: 1. Thermal Resistance from Junction to Ambient .375” (9.5mm) Lead Length
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
SM5391- SM5399
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIERS
www.shunyegroup.com.cn


Podobny numer części - SM5393

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PACELEADER INDUSTRIAL
SM5393 PACELEADER-SM5393 Datasheet
1Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
Shanghai Shunye Electro...
SM5393 SHUNYE-SM5393 Datasheet
293Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIERS
logo
DACO SEMICONDUCTOR CO.,...
SM5393 DACO-SM5393 Datasheet
962Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
Bytes
SM5393A BYTES-SM5393A Datasheet
153Kb / 2P
   1.5 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
UNIOHM CORPORATION
SM5393A UNIOHM-SM5393A Datasheet
66Kb / 2P
   1.5 AMP SURFACE MOUNT SILICON RECTIFIERS
More results

Podobny opis - SM5393

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PACELEADER INDUSTRIAL
SFM101 PACELEADER-SFM101 Datasheet
1Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIERS
logo
Shanghai Shunye Electro...
SM5391 SHUNYE-SM5391_17 Datasheet
293Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIERS
logo
Leshan Radio Company
EFM107 LRC-EFM107_15 Datasheet
173Kb / 4P
   Surface Mount Glass Passivated Super Fast Rectifiers
FFMA207 LRC-FFMA207_15 Datasheet
229Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
EFMAF108 LRC-EFMAF108_15 Datasheet
242Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
EFMBF208 LRC-EFMBF208_15 Datasheet
243Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
logo
HY ELECTRONIC CORP.
ES1AL HY-ES1AL_17 Datasheet
136Kb / 3P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Leshan Radio Company
EFMA280 LRC-EFMA280_15 Datasheet
220Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
EFM108 LRC-EFM108_15 Datasheet
179Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
RS2MBF LRC-RS2MBF_15 Datasheet
253Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com