Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST25TA02K-PC6H5 Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części ST25TA02K-PC6H5
Szczegółowy opis  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-PC6H5 Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button ST25TA02K-PC6H5 Datasheet HTML 7Page - STMicroelectronics ST25TA02K-PC6H5 Datasheet HTML 8Page - STMicroelectronics ST25TA02K-PC6H5 Datasheet HTML 9Page - STMicroelectronics ST25TA02K-PC6H5 Datasheet HTML 10Page - STMicroelectronics ST25TA02K-PC6H5 Datasheet HTML 11Page - STMicroelectronics ST25TA02K-PC6H5 Datasheet HTML 12Page - STMicroelectronics ST25TA02K-PC6H5 Datasheet HTML 13Page - STMicroelectronics ST25TA02K-PC6H5 Datasheet HTML 14Page - STMicroelectronics ST25TA02K-PC6H5 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
DocID027794 Rev 2
11/64
ST25TA02K-P
Signal descriptions
2
Signal descriptions
2.1
Antenna coil (AC0, AC1)
These inputs are used to connect the device to an external coil exclusively. It is advised not
to connect any other DC or AC path to AC0 or AC1.
When correctly tuned, the coil is used to access the device using NFC Forum Type 4
commands.
2.2
Ground (VSS)
VSS, when connected, is the reference for the VDCG supply voltage for all pads, even AC0
and AC1.
2.3
GPO Supply voltage (VDCG)
This pin can be connected to an external DC supply voltage. It only supplies the GPO driver
block.
2.3.1
Operating supply voltage VDCG
Prior to checking ST25TA02K-P GPO, a valid and stable VDCG voltage within the specified
[VDCG(min), VDCG(max)] range must be applied.
To maintain a stable DC supply voltage, it is recommended to decouple the VDCG line with
suitable capacitors (usually of the order of 10 nF and 100 pF) close to the VDCG/VSS
package pins.
This voltage must remain stable and valid until the end of the GPO usage by the
ST25TA02K-P.
2.3.2
Power-up conditions
The VDCG rise time must not vary faster than 1 V/µs.


Podobny numer części - ST25TA02K-PC6H5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST25TA02K-AC6B5 STMICROELECTRONICS-ST25TA02K-AC6B5 Datasheet
886Kb / 50P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
ST25TA02K-D STMICROELECTRONICS-ST25TA02K-D Datasheet
1Mb / 64P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and general purpose digital output
More results

Podobny opis - ST25TA02K-PC6H5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST25TA02K-D STMICROELECTRONICS-ST25TA02K-D Datasheet
1Mb / 64P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and general purpose digital output
SRTAG2KL STMICROELECTRONICS-SRTAG2KL Datasheet
1Mb / 51P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
ST25TA02K STMICROELECTRONICS-ST25TA02K Datasheet
886Kb / 50P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
SRTAG2K-D STMICROELECTRONICS-SRTAG2K-D Datasheet
1Mb / 51P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and RF Session digital output
ST25TA64K STMICROELECTRONICS-ST25TA64K Datasheet
587Kb / 45P
   NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
ST25TA16K STMICROELECTRONICS-ST25TA16K Datasheet
591Kb / 45P
   NFC Forum Type 4 Tag IC with 16-Kbit EEPROM
M24SR02-Y STMICROELECTRONICS-M24SR02-Y Datasheet
1Mb / 90P
   Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I짼C interface
February 2017 Rev 10
SRTAG512L STMICROELECTRONICS-SRTAG512L Datasheet
1Mb / 51P
   NFC Forum Type 4 Tag IC with 512 bits EEPROM
ST25TA512 STMICROELECTRONICS-ST25TA512 Datasheet
884Kb / 50P
   NFC Forum Type 4 Tag IC with 512 bits EEPROM
ST25TV04K-P STMICROELECTRONICS-ST25TV04K-P Datasheet
2Mb / 107P
   NFC Type 5 / RFID tag IC with 4-Kbit EEPROM and protection
Rev 2 - January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com