Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST25TA16K Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części ST25TA16K
Szczegółowy opis  NFC Forum Type 4 Tag IC with 16-Kbit EEPROM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA16K Arkusz danych(HTML) 1 Page - STMicroelectronics

  ST25TA16K Datasheet HTML 1Page - STMicroelectronics ST25TA16K Datasheet HTML 2Page - STMicroelectronics ST25TA16K Datasheet HTML 3Page - STMicroelectronics ST25TA16K Datasheet HTML 4Page - STMicroelectronics ST25TA16K Datasheet HTML 5Page - STMicroelectronics ST25TA16K Datasheet HTML 6Page - STMicroelectronics ST25TA16K Datasheet HTML 7Page - STMicroelectronics ST25TA16K Datasheet HTML 8Page - STMicroelectronics ST25TA16K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
This is information on a product in full production.
May 2015
DocID027786 Rev 1
1/45
1
ST25TA16K
NFC Forum Type 4 Tag IC with 16-Kbit EEPROM
Datasheet
- production data
Features
Contactless interface
• NFC Forum Type 4 Tag
• ISO/IEC 14443 Type A
• 106 Kbps data rate
• Internal tuning capacitance: 25 pF
Memory
• 8-Kbyte (64-kbit) EEPROM
• Support of NDEF data structure
• Data retention: 200 years
• Endurance: 1 million erase-write cycles
• Read up to 246 bytes in a single command
• Write up to 246 bytes in a single command
• 7 bytes unique identifier (UID)
• 128 bits passwords protection
Description
The ST25TA16K device is a dynamic NFC/RFID
tag IC. It embeds an EEPROM memory. It can be
operated from a 13.56 MHz RFID reader or an
NFC phone.
The RF protocol is compatible with ISO/IEC
14443 Type A and NFC Forum Type 4 Tag.
Wafer (SB12I)
www.st.com


Podobny numer części - ST25TA16K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST25TA02K STMICROELECTRONICS-ST25TA02K Datasheet
886Kb / 50P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
ST25TA02K-AC6B5 STMICROELECTRONICS-ST25TA02K-AC6B5 Datasheet
886Kb / 50P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
ST25TA02K-D STMICROELECTRONICS-ST25TA02K-D Datasheet
1Mb / 64P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and general purpose digital output
ST25TA02K-P STMICROELECTRONICS-ST25TA02K-P Datasheet
1Mb / 64P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
ST25TA02K-PC6C5 STMICROELECTRONICS-ST25TA02K-PC6C5 Datasheet
1Mb / 64P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
More results

Podobny opis - ST25TA16K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST25TA64K STMICROELECTRONICS-ST25TA64K Datasheet
587Kb / 45P
   NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
SRTAG2KL STMICROELECTRONICS-SRTAG2KL Datasheet
1Mb / 51P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
ST25TA02K STMICROELECTRONICS-ST25TA02K Datasheet
886Kb / 50P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
M24SR02-Y STMICROELECTRONICS-M24SR02-Y Datasheet
1Mb / 90P
   Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I짼C interface
February 2017 Rev 10
SRTAG512L STMICROELECTRONICS-SRTAG512L Datasheet
1Mb / 51P
   NFC Forum Type 4 Tag IC with 512 bits EEPROM
ST25TA512 STMICROELECTRONICS-ST25TA512 Datasheet
884Kb / 50P
   NFC Forum Type 4 Tag IC with 512 bits EEPROM
SRTAG2K-D STMICROELECTRONICS-SRTAG2K-D Datasheet
1Mb / 51P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and RF Session digital output
ST25TA02K-D STMICROELECTRONICS-ST25TA02K-D Datasheet
1Mb / 64P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and general purpose digital output
ST25TA02K-P STMICROELECTRONICS-ST25TA02K-P Datasheet
1Mb / 64P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
ST25TV04K-P STMICROELECTRONICS-ST25TV04K-P Datasheet
2Mb / 107P
   NFC Type 5 / RFID tag IC with 4-Kbit EEPROM and protection
Rev 2 - January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com