Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STB7ANM60N Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części STB7ANM60N
Szczegółowy opis  Low input capacitance and gate charge
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB7ANM60N Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button STB7ANM60N Datasheet HTML 2Page - STMicroelectronics STB7ANM60N Datasheet HTML 3Page - STMicroelectronics STB7ANM60N Datasheet HTML 4Page - STMicroelectronics STB7ANM60N Datasheet HTML 5Page - STMicroelectronics STB7ANM60N Datasheet HTML 6Page - STMicroelectronics STB7ANM60N Datasheet HTML 7Page - STMicroelectronics STB7ANM60N Datasheet HTML 8Page - STMicroelectronics STB7ANM60N Datasheet HTML 9Page - STMicroelectronics STB7ANM60N Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical characteristics
STB7ANM60N, STD7ANM60N
6/20
DocID023350 Rev 2
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area for D2PAK
Figure 3. Thermal impedance for D2PAK
Figure 4. Safe operating area for DPAK
Figure 5. Thermal impedance for DPAK
Figure 6. Output characteristics
Figure 7. Transfer characteristics
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single
pulse
0.01
100
AM06476v1
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single
pulse
0.01
100
AM06474v1
ID
5
3
1
0
0
10
VDS(V)
20
(A)
40
7
8
5V
6V
VGS=10V
2
4
6
9
AM06477v1
ID
6
4
2
0
0
4
VGS(V)
8
(A)
2
6
10
8
1
3
5
7
9
10
VDS=20V
AM06478v1


Podobny numer części - STB7ANM60N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
STB7ANM60N ISC-STB7ANM60N Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STB7ANM60N VBSEMI-STB7ANM60N Datasheet
1Mb / 10P
   N-Channel 650V (D-S)Power MOSFET
More results

Podobny opis - STB7ANM60N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STB27NM60ND STMICROELECTRONICS-STB27NM60ND Datasheet
940Kb / 19P
   Low input capacitance and gate charge
STY100NM60N STMICROELECTRONICS-STY100NM60N Datasheet
815Kb / 13P
   Low input capacitance and gate charge
November 2012 Rev 2
F21NM60ND STMICROELECTRONICS-F21NM60ND Datasheet
559Kb / 18P
   Low input capacitance and gate charge
STB43N65M5 STMICROELECTRONICS-STB43N65M5 Datasheet
561Kb / 16P
   Low gate charge and input capacitance
STL15N65M5 STMICROELECTRONICS-STL15N65M5 Datasheet
1Mb / 16P
   Low gate charge and input capacitance
December 2016 Rev 2
STL38N65M5 STMICROELECTRONICS-STL38N65M5 Datasheet
1Mb / 17P
   Low input capacitance and gate charge
STE145N65M5 STMICROELECTRONICS-STE145N65M5 Datasheet
820Kb / 13P
   Low gate charge and input capacitance
November 2015 Rev 2
STB26NM60ND STMICROELECTRONICS-STB26NM60ND Datasheet
1Mb / 23P
   Low input capacitance and gate charge
STL3NM60N STMICROELECTRONICS-STL3NM60N Datasheet
865Kb / 13P
   Low input capacitance and gate charge
November 2014 Rev 2
STFI24NM60N STMICROELECTRONICS-STFI24NM60N Datasheet
804Kb / 12P
   Low input capacitance and gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com