Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STPTIC-39F1M6 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części STPTIC-39F1M6
Szczegółowy opis  Parascan tunable integrated capacitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-39F1M6 Arkusz danych(HTML) 4 Page - STMicroelectronics

  STPTIC-39F1M6 Datasheet HTML 1Page - STMicroelectronics STPTIC-39F1M6 Datasheet HTML 2Page - STMicroelectronics STPTIC-39F1M6 Datasheet HTML 3Page - STMicroelectronics STPTIC-39F1M6 Datasheet HTML 4Page - STMicroelectronics STPTIC-39F1M6 Datasheet HTML 5Page - STMicroelectronics STPTIC-39F1M6 Datasheet HTML 6Page - STMicroelectronics STPTIC-39F1M6 Datasheet HTML 7Page - STMicroelectronics STPTIC-39F1M6 Datasheet HTML 8Page - STMicroelectronics STPTIC-39F1M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STPTIC
4/13
DocID023772 Rev 4
Table 4. Representative performances (Tamb = 25 °C)
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
C2V
Capacitance at 2V bias
STPTIC-12
1.08
1.20
1.32
pF
STPTIC-27
2.43
2.7
2.97
pF
STPTIC-33
2.97
3.3
3.63
pF
STPTIC-39
3.51
3.9
4.29
pF
STPTIC-47
4.23
4.7
5.17
pF
STPTIC-56
5.04
5.6
6.16
pF
STPTIC-68
6.12
6.8
7.48
pF
STPTIC-82
7.38
8.2
9.02
IL
Leakage current
Measured with Vbias = 20 V
100
nA
ΔC
Tuning range
Ratio between C2V/C20V
measured at 100 kHz
3/1
3.5/1
QLB
Quality factor
Measured at 900 MHz
65
QHB
Quality factor
Measured at 1800 MHz
45
IP3
Third order intercept point
Vbias = 2 V
(1) and (3)
1.
F1 = 894 MHz, F2 = 849 MHz, P1 = 20 dBm, P2 = -15 dBm, 2f1 - f2 = 939 MHz
60
dBm
Vbias = 20 V
(1) and (3)
70
dBm
H2
Second harmonic
Vbias = 2 V
(2) and (3)
2.
894 MHz, Pin = 34 dBm
-65
dBm
Vbias = 20 V
(2) and (3)
-65
dBm
H3
Third harmonic
Vbias = 2 V
(2) and (3)
-45
dBm
Vbias = 20 V
(2) and (3)
3.
IP3 and harmonics are measured in the shunt/series configuration in a 50
Ω environment
-45
dBm
tT
Transition time
From Cmin to Cmax
(4)
4.
One or both of RFin and RFout must be connected to DC ground
135
µs
From Cmax to Cmin
(4)
100
µs


Podobny numer części - STPTIC-39F1M6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STPTIC-39F1M6 STMICROELECTRONICS-STPTIC-39F1M6 Datasheet
264Kb / 10P
   Parascan tunable integrated capacitor
December 2015 Rev 1
More results

Podobny opis - STPTIC-39F1M6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STPTIC-27L2 STMICROELECTRONICS-STPTIC-27L2 Datasheet
264Kb / 10P
   Parascan tunable integrated capacitor
December 2015 Rev 1
STPTIC-33G2 STMICROELECTRONICS-STPTIC-33G2 Datasheet
470Kb / 11P
   Parascan??tunable integrated capacitor
July 2015 Rev 1
STPTIC-56G2 STMICROELECTRONICS-STPTIC-56G2 Datasheet
471Kb / 11P
   Parascan??tunable integrated capacitor
July 2015 Rev 1
logo
Peregrine Semiconductor
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64101 PSEMI-PE64101 Datasheet
579Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64909 PSEMI-PE64909 Datasheet
376Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
logo
ON Semiconductor
TCP-3027HA ONSEMI-TCP-3027HA Datasheet
182Kb / 7P
   Passive Tunable Integrated Circuits
August, 2015 ??Rev. 2
TCP-3118H ONSEMI-TCP-3118H Datasheet
124Kb / 7P
   Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com