Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL16C752D-Q1 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części TL16C752D-Q1
Szczegółowy opis  Dual UART With 64-Byte FIFO
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C752D-Q1 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TL16C752D-Q1 Datasheet HTML 2Page - Texas Instruments TL16C752D-Q1 Datasheet HTML 3Page - Texas Instruments TL16C752D-Q1 Datasheet HTML 4Page - Texas Instruments TL16C752D-Q1 Datasheet HTML 5Page - Texas Instruments TL16C752D-Q1 Datasheet HTML 6Page - Texas Instruments TL16C752D-Q1 Datasheet HTML 7Page - Texas Instruments TL16C752D-Q1 Datasheet HTML 8Page - Texas Instruments TL16C752D-Q1 Datasheet HTML 9Page - Texas Instruments TL16C752D-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
6
TL16C752D-Q1
SLLSET4 – FEBRUARY 2016
www.ti.com
Product Folder Links: TL16C752D-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC = 1.8 V ±10%
VCC
Supply voltage
1.62
1.8
1.98
V
VI
Input voltage
–0.3
0.9 × VCC
V
VIH
High-level input voltage
1.4
V
VIL
Low-level input voltage
0.4
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
All outputs
–0.5
mA
IOL
Low-level output current
All outputs
1
mA
Oscillator/clock speed
16
MHz
VCC = 2.5 V ±10%
VCC
Supply voltage
2.25
2.5
2.75
V
VI
Input voltage
–0.3
0.9 × VCC
V
VIH
High-level input voltage
1.8
V
VIL
Low-level input voltage
0.6
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
All outputs
–1
mA
IOL
Low-level output current
All outputs
2
mA
Oscillator/clock speed
24
MHz
VCC = 3.3 V ±10%
VCC
Supply voltage
3
3.3
3.6
V
VI
Input voltage
–0.3
VCC
V
VIH
High-level input voltage
0.7 × VCC
V
VIL
Low-level input voltage
0.8
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
All outputs
–1.8
mA
IOL
Low-level output current
All outputs
3.2
mA
Oscillator or clock speed
32
MHz
VCC = 5 V ±10%
VCC
Supply voltage
4.5
5
5.5
V
VI
Input voltage
–0.3
VCC
V
VIH
High-level input voltage
Except XTAL1
2
V
XTAL1
0.7 × VCC
VIL
Low-level input voltage
Except XTAL1
0.8
V
XTAL1
0.3 × VCC
VO
Output voltage
0
VCC
V
IOH
High-level output current
All outputs
–4
mA
IOL
Low-level output current
All outputs
4
mA
Oscillator or clock speed
48
MHz


Podobny numer części - TL16C752D-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
More results

Podobny opis - TL16C752D-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_09 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com