Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LDU5660S300 Arkusz danych(PDF) 1 Page - XP Power Limited

Numer części LDU5660S300
Szczegółowy opis  Constant Current Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  XPPOWER [XP Power Limited]
Strona internetowa  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LDU5660S300 Arkusz danych(HTML) 1 Page - XP Power Limited

  LDU5660S300 Datasheet HTML 1Page - XP Power Limited LDU5660S300 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
LED Driver
Constant Current Output
LED Drive Current up to 1000 mA
LED Strings from 2 V to 56 V
PWM Dimming Control
High Efficiency
up to 97%
Open or Short Circuit LED Protection
3 Year Warranty
LDU56 Series
Input
Input Voltage
• 9-60 VDC
Input Filter
• Capacitor
Input Surge
• 65 VDC for 500 ms
Output
Output Voltage
• 2-56 V (Vin must be at least 4 V greater
than Vout)
Output Current
• See tables
Output Current
• See tables
Accuracy
Ripple & Noise
• See tables,
measured with 20 MHz bandwidth
Short Circuit Protection
• Current is limited to the rated output
Capacitive Load
• 2.2 µF max
Temperature
• ±0.03%/°C max
Coefficient
Remote On/Off
• On = 2.5-5.0 V or open circuit
Off = ≤0.8 V (applied to control pin)
Quiescent input current is 3 mA max,
Remote On/Off Signal
• 1 mA max
Current
Dimming
PWM
Output Current Range
• 1% to 100%
Operating Frequency
• 1 kHz max
On Time
• 50 µs min
Off Time
• 50 µs min
Amplitude
• 2.5 V, 5 V max
xppower.com
General
Efficiency
• See tables
Switching Frequency
• 40-1000 kHz variable
MTBF
• >2.0 MHrs to MIL-HDBK-217F at 25 °C,
GB
Environmental
Operating Temperature
• -40 °C to +85 °C for 300/350 mA versions,
-40 °C to +70 °C for others
Storage Temperature
• -40 °C to +125 °C
Humidity
• Up to 95%, non-condensing
Thermal Impedance
• 16.7 °C/W model dependant
EMC
Emissions
• EN55015 class B conducted & radiated
with external components - see
application notes
ESD Immunity
• EN61000-4-2, level 2 Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 2 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2 Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 2 Perf Criteria A
Magnetic Field
• EN61000-4-8, level 2 Perf Criteria A


Podobny numer części - LDU5660S300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
XP Power Limited
LDU0516S300 XPPOWER-LDU0516S300 Datasheet
125Kb / 2P
   LED Driver LDU05/07/14 Series
LDU0516S350 XPPOWER-LDU0516S350 Datasheet
125Kb / 2P
   LED Driver LDU05/07/14 Series
LDU0716S500 XPPOWER-LDU0716S500 Datasheet
125Kb / 2P
   LED Driver LDU05/07/14 Series
LDU08 XPPOWER-LDU08 Datasheet
339Kb / 4P
   LED Driver LDU Series
LDU0830S300 XPPOWER-LDU0830S300 Datasheet
339Kb / 4P
   LED Driver LDU Series
More results

Podobny opis - LDU5660S300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
XP Power Limited
LDU4860S250 XPPOWER-LDU4860S250 Datasheet
339Kb / 4P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150W(A) MPD-LD48-09-150W(A) Datasheet
639Kb / 4P
   Constant Current Output
LDM24-14-500 MPD-LDM24-14-500 Datasheet
607Kb / 4P
   Constant Current Output
LD24-08-350W(A) MPD-LD24-08-350W(A) Datasheet
614Kb / 4P
   Constant Current Output
LD24-04-150 MPD-LD24-04-150 Datasheet
632Kb / 4P
   Constant Current Output
LDM12-04-300 MPD-LDM12-04-300 Datasheet
590Kb / 4P
   Constant Current Output
LDB24-07-150 MPD-LDB24-07-150 Datasheet
325Kb / 2P
   Constant Current Output
logo
XP Power Limited
LDU2430S1000 XPPOWER-LDU2430S1000 Datasheet
339Kb / 4P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150 MPD-LD48-09-150 Datasheet
632Kb / 4P
   Constant Current Output
logo
Mean Well Enterprises C...
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com