Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STP220N6F7 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części STP220N6F7
Szczegółowy opis  High avalanche ruggedness
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP220N6F7 Arkusz danych(HTML) 5 Page - STMicroelectronics

  STP220N6F7 Datasheet HTML 1Page - STMicroelectronics STP220N6F7 Datasheet HTML 2Page - STMicroelectronics STP220N6F7 Datasheet HTML 3Page - STMicroelectronics STP220N6F7 Datasheet HTML 4Page - STMicroelectronics STP220N6F7 Datasheet HTML 5Page - STMicroelectronics STP220N6F7 Datasheet HTML 6Page - STMicroelectronics STP220N6F7 Datasheet HTML 7Page - STMicroelectronics STP220N6F7 Datasheet HTML 8Page - STMicroelectronics STP220N6F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STP220N6F7
Electrical characteristics
DocID026547 Rev 3
5/13
Table 7: Source drain diode
Symbol
Parameter
Test conditions
Min
.
Typ
.
Max
.
Un
it
VSD(1)
Forward on voltage
VGS = 0, ISD = 120 A
-
-
1.1
V
trr
Reverse recovery time
ISD = 120 A,
di/dt = 100 A/µs
VDD = 48 V, TJ = 150 °C
(see Figure 15: "Test circuit
for inductive load switching
and diode recovery times")
-
69
ns
Qrr
Reverse recovery charge
-
104
nC
IRRM
Reverse recovery current
-
3
A
Notes:
(1)Pulsed: pulse duration = 300 µs, duty cycle 1.5%


Podobny numer części - STP220N6F7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STP2200ABGA ETC1-STP2200ABGA Datasheet
409Kb / 36P
   Uniprocessor System Controller
More results

Podobny opis - STP220N6F7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STL86N3LLH6AG STMICROELECTRONICS-STL86N3LLH6AG Datasheet
1,009Kb / 16P
   High avalanche ruggedness
February 2015 Rev 3
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
   High avalanche ruggedness
STL8N6F7 STMICROELECTRONICS-STL8N6F7 Datasheet
893Kb / 12P
   High avalanche ruggedness
August 2015 Rev 1
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
   High avalanche ruggedness
July 2009 Rev 2
STH170N8F7-2 STMICROELECTRONICS-STH170N8F7-2 Datasheet
823Kb / 15P
   High avalanche ruggedness
STS7P4LLF6 STMICROELECTRONICS-STS7P4LLF6 Datasheet
396Kb / 13P
   High avalanche ruggedness
STL4P3LLH6 STMICROELECTRONICS-STL4P3LLH6 Datasheet
766Kb / 13P
   High avalanche ruggedness
December 2014 Rev 2
STL30P3LLH6 STMICROELECTRONICS-STL30P3LLH6 Datasheet
1Mb / 15P
   High avalanche ruggedness
January 2014 Rev 3
STL110NS3LLH7 STMICROELECTRONICS-STL110NS3LLH7 Datasheet
701Kb / 14P
   High avalanche ruggedness
April 2015 Rev 4
STL140N4F7AG STMICROELECTRONICS-STL140N4F7AG Datasheet
927Kb / 14P
   High avalanche ruggedness
February 2017 Rev 2
STH290N4F6-2AG STMICROELECTRONICS-STH290N4F6-2AG Datasheet
486Kb / 19P
   High avalanche ruggedness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com