Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STPTIC-15L2M6 Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części STPTIC-15L2M6
Szczegółowy opis  Parascan tunable integrated capacitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-15L2M6 Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button STPTIC-15L2M6 Datasheet HTML 2Page - STMicroelectronics STPTIC-15L2M6 Datasheet HTML 3Page - STMicroelectronics STPTIC-15L2M6 Datasheet HTML 4Page - STMicroelectronics STPTIC-15L2M6 Datasheet HTML 5Page - STMicroelectronics STPTIC-15L2M6 Datasheet HTML 6Page - STMicroelectronics STPTIC-15L2M6 Datasheet HTML 7Page - STMicroelectronics STPTIC-15L2M6 Datasheet HTML 8Page - STMicroelectronics STPTIC-15L2M6 Datasheet HTML 9Page - STMicroelectronics STPTIC-15L2M6 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Reflow profile
STPTIC-27L2
8/10
DocID028611 Rev 1
3
Reflow profile
Figure 11. ST ECOPACK® recommended soldering reflow profile for PCB mounting
Note:
Minimize air convection currents in the reflow oven to avoid component movement.
Table 8. Recommended values for soldering reflow
Profile
Value
Typical
Max.
Temperature gradient in preheat (T = 70-180 °C)
0.9 °C/s
3 °C/s
Temperature gradient (T = 200-225 °C)
2 °C/s
3 °C/s
Peak temperature in reflow
240-245 °C
260 °C
Time above 220 °C
60 s
90 s
Temperature gradient in cooling
-2 to -3 °C/s
-6 °C/s
Time from 50 to 220 °C
160 to 220 s


Podobny numer części - STPTIC-15L2M6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STPTIC-15G2 STMICROELECTRONICS-STPTIC-15G2 Datasheet
473Kb / 11P
   High linearity
July 2015 Rev 2
More results

Podobny opis - STPTIC-15L2M6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STPTIC STMICROELECTRONICS-STPTIC Datasheet
196Kb / 13P
   Parascan tunable integrated capacitor
STPTIC-33G2 STMICROELECTRONICS-STPTIC-33G2 Datasheet
470Kb / 11P
   Parascan??tunable integrated capacitor
July 2015 Rev 1
STPTIC-56G2 STMICROELECTRONICS-STPTIC-56G2 Datasheet
471Kb / 11P
   Parascan??tunable integrated capacitor
July 2015 Rev 1
logo
Peregrine Semiconductor
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64101 PSEMI-PE64101 Datasheet
579Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64909 PSEMI-PE64909 Datasheet
376Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
logo
ON Semiconductor
TCP-3027HA ONSEMI-TCP-3027HA Datasheet
182Kb / 7P
   Passive Tunable Integrated Circuits
August, 2015 ??Rev. 2
TCP-3118H ONSEMI-TCP-3118H Datasheet
124Kb / 7P
   Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com