Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STPTIC-47L2M6 Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części STPTIC-47L2M6
Szczegółowy opis  Parascan tunable integrated capacitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-47L2M6 Arkusz danych(HTML) 2 Page - STMicroelectronics

  STPTIC-47L2M6 Datasheet HTML 1Page - STMicroelectronics STPTIC-47L2M6 Datasheet HTML 2Page - STMicroelectronics STPTIC-47L2M6 Datasheet HTML 3Page - STMicroelectronics STPTIC-47L2M6 Datasheet HTML 4Page - STMicroelectronics STPTIC-47L2M6 Datasheet HTML 5Page - STMicroelectronics STPTIC-47L2M6 Datasheet HTML 6Page - STMicroelectronics STPTIC-47L2M6 Datasheet HTML 7Page - STMicroelectronics STPTIC-47L2M6 Datasheet HTML 8Page - STMicroelectronics STPTIC-47L2M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Electrical characteristics
STPTIC-27L2
2/10
DocID028611 Rev 1
1
Electrical characteristics
Table 1. Absolute maximum ratings (limiting values)
Symbol
Parameter
Rating
Unit
PIN
Input peak power RFIN (CW mode)/all RF ports
+40
dBm
VESD(HBM)
Human body model, JESD22-A114-B, all I/O
Class 1B(1)
1.
Class 1B defined as passing 500 V, but fails after exposure to 1000V ESD pulse.
V
VESD(MM)
Machine model, JESD22-A115-A, all I/O
100
V
Tdevice
Device temperature
+125
°C
Tstg
Storage temperature
-55 to +150
Vx
Bias voltage
25
V
Table 2. Recommended operating conditions
Symbol
Parameter
Rating
Unit
Min.
Typ.
Max.
PIN
RF input power
+33
+39
dBm
FOP
Operating frequency
700
2700
MHz
Tdevice
Device temperature
+100
°C
TOP
Operating temperature
-30
+85
VBIAS
Bias voltage
1
24
V


Podobny numer części - STPTIC-47L2M6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STPTIC-47F1M6 STMICROELECTRONICS-STPTIC-47F1M6 Datasheet
196Kb / 13P
   Parascan tunable integrated capacitor
STPTIC-47G1H5 STMICROELECTRONICS-STPTIC-47G1H5 Datasheet
196Kb / 13P
   Parascan tunable integrated capacitor
STPTIC-47G2 STMICROELECTRONICS-STPTIC-47G2 Datasheet
465Kb / 11P
   Low leakage current
July 2015 Rev 1
More results

Podobny opis - STPTIC-47L2M6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STPTIC STMICROELECTRONICS-STPTIC Datasheet
196Kb / 13P
   Parascan tunable integrated capacitor
STPTIC-33G2 STMICROELECTRONICS-STPTIC-33G2 Datasheet
470Kb / 11P
   Parascan??tunable integrated capacitor
July 2015 Rev 1
STPTIC-56G2 STMICROELECTRONICS-STPTIC-56G2 Datasheet
471Kb / 11P
   Parascan??tunable integrated capacitor
July 2015 Rev 1
logo
Peregrine Semiconductor
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64101 PSEMI-PE64101 Datasheet
579Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64909 PSEMI-PE64909 Datasheet
376Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
logo
ON Semiconductor
TCP-3027HA ONSEMI-TCP-3027HA Datasheet
182Kb / 7P
   Passive Tunable Integrated Circuits
August, 2015 ??Rev. 2
TCP-3118H ONSEMI-TCP-3118H Datasheet
124Kb / 7P
   Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com