Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AHC540DBLE Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części SN74AHC540DBLE
Szczegółowy opis  Octal Buffers/Drivers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC540DBLE Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button SN74AHC540DBLE Datasheet HTML 5Page - Texas Instruments SN74AHC540DBLE Datasheet HTML 6Page - Texas Instruments SN74AHC540DBLE Datasheet HTML 7Page - Texas Instruments SN74AHC540DBLE Datasheet HTML 8Page - Texas Instruments SN74AHC540DBLE Datasheet HTML 9Page - Texas Instruments SN74AHC540DBLE Datasheet HTML 10Page - Texas Instruments SN74AHC540DBLE Datasheet HTML 11Page - Texas Instruments SN74AHC540DBLE Datasheet HTML 12Page - Texas Instruments SN74AHC540DBLE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
OE1
OE2
To Seven Other Channels
A1
Y1
SN54AHC540, SN74AHC540
www.ti.com
SCLS260L – DECEMBER 1995 – REVISED OCTOBER 2015
8 Detailed Description
8.1 Overview
The SNx4AHC540 octal buffers/drivers are ideal for driving bus lines or buffer memory address registers. These
devices feature inputs and outputs on opposite sides of the package to facilitate printed circuit board layout.
The 3-state control gate is a two-input AND gate with active-low inputs. If either output-enable (OE1 or OE2)
input is high, all corresponding outputs are in the high-impedance state. The outputs provide non-inverted data
when they are not in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor. The minimum value of the resistor is determined by the current-sinking capability of the driver.
8.2 Functional Block Diagram
8.3 Feature Description
SNx4AHC540 device has a wide operating voltage range and operates from 2 V to 5.5 V. The inputs accept
voltages up to 5.5 V, which allows for down translation. Slow input edges and low drive will minimize output
overshoots and undershoots.
8.4 Device Functional Modes
Table 1 shows the device functions for each buffer and driver.
Table 1. Function Table (Each Buffer/Driver)
INPUTS
OUTPUT
Y
OE1
OE2
A
L
L
L
L
L
L
H
H
H
X
X
Z
X
H
X
Z
Copyright © 1995–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN54AHC540 SN74AHC540


Podobny numer części - SN74AHC540DBLE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AHC540DBLE TI-SN74AHC540DBLE Datasheet
830Kb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74AHC540DBLE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54LVCH244A TI-SN54LVCH244A_07 Datasheet
665Kb / 23P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS OCTAL BUFFERS/DRIVERS
SN54ALS241C TI1-SN54ALS241C_16 Datasheet
1Mb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS
SN54F244 TI1-SN54F244_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS
SN74AHC541 TI1-SN74AHC541_15 Datasheet
1Mb / 29P
[Old version datasheet]   Octal Buffers/Drivers
logo
Maxwell Technologies
54BCT244 MAXWELL-54BCT244 Datasheet
186Kb / 9P
   Octal Buffers/Drivers
logo
Texas Instruments
SN74LV244A TI1-SN74LV244A_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal Buffers and Drivers
logo
Unisonic Technologies
U74HC541 UTC-U74HC541_15 Datasheet
199Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54LS540 TI1-SN54LS540_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC541 TI1-SN54HC541_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540_15 Datasheet
131Kb / 5P
   OCTAL BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com