Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FMX26S Arkusz danych(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Numer części FMX26S
Szczegółowy opis  10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Strona internetowa  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

FMX26S Arkusz danych(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  FMX26S Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. FMX26S Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
200
140
200
400
280
400
600
420
600
10.0
5.0
100
1.3
1.7
0.98
35
100
65
2.2
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oC/W
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 5.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
R JC
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
Pb Free Plating Product
FMX22S/FMX23S/FMX24S/FMX26S
Pb
FMX22S
Features
Low forward voltage drop
High current capability
Case: Fully Isolated Molding TO-220FP
High surge current capability
Weight: 2.0 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
ITO-220AB
Unit:mm
Application
Automotive Inverters and Solar Inverters
Plating Power Supply,SMPS,EPS and UPS
Car Audio Amplifiers and Sound Device Systems
10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
FMX23S
Latest GPP technology with super fast recovery time
Positive
Negative
Common Cathode
Case
Case
Common Anode
Doubler
Case
Tandem Polarity
Case
Series
Tandem Polarity
Suffix "R"
Suffix "U"
Suffix "UR"
Suffix "S"
FMX24S
FMX26S
®
FMX22S thru FMX26S
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Rev.06


Podobny numer części - FMX26S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Thinki Semiconductor Co...
FMX26S THINKISEMI-FMX26S Datasheet
812Kb / 2P
   10 Amperes Insulated Dual Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
More results

Podobny opis - FMX26S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Thinki Semiconductor Co...
FMU22S THINKISEMI-FMU22S Datasheet
673Kb / 2P
   10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
ESAC25M-02C THINKISEMI-ESAC25M-02C Datasheet
668Kb / 2P
   10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
DFR10A20CT THINKISEMI-DFR10A20CT Datasheet
678Kb / 2P
   10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
FML22S THINKISEMI-FML22S Datasheet
673Kb / 2P
   10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
YG225C2 THINKISEMI-YG225C2 Datasheet
667Kb / 2P
   10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
FMG22S THINKISEMI-FMG22S_17 Datasheet
814Kb / 2P
   10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
ESAD39M-02C THINKISEMI-ESAD39M-02C Datasheet
729Kb / 2P
   10 Ampere Insulated Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
MURF3020CT THINKISEMI-MURF3020CT Datasheet
779Kb / 2P
   30 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
ESAD25M-02C THINKISEMI-ESAD25M-02C Datasheet
256Kb / 2P
   16 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
FRF1620C THINKISEMI-FRF1620C Datasheet
377Kb / 2P
   16.0 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com