Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z00607DA1BA2 Arkusz danych(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Numer części Z00607DA1BA2
Szczegółowy opis  SENSITIVE GATE TRIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KERSEMI [Kersemi Electronic Co., Ltd.]
Strona internetowa  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

Z00607DA1BA2 Arkusz danych(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  Z00607DA1BA2 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. Z00607DA1BA2 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. Z00607DA1BA2 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. Z00607DA1BA2 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PG (AV)= 0.1 W PGM = 2 W (tp = 20
µs)
IGM = 1 A (tp = 20
µs)
GATE CHARACTERISTICS (maximum values)
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient
150
°C/W
Rth(j-l)
Junction to lead
60
°C/W
THERMAL RESISTANCES
Symbol
Test Conditions
Quadrant
Sensitivity
Unit
07
IGT
VD=12V (DC) RL=140
Tj= 25
°C
I-II-III
MAX
5
mA
IV
MAX
7
VGT
VD=12V (DC) RL=140
Tj= 25
°C
I-II-III-IV
MAX
1.5
V
VGD
VD=VDRM RL=3.3k
Tj= 110
°C I-II-III-IV
MIN
0.2
V
tgt
VD=VDRM
IG = 25mA
IT = 1.0A
dIG/dt = 0.25A/
µs
Tj= 25
°C
I-II-III-IV
TYP
2
µs
IH *IT= 200 mA Gate open
Tj= 25
°CMAX
5
mA
IL
IG= 1.2 IGT
Tj= 25
°C
I-III-IV
MAX
10
mA
II
MAX
20
VTM *ITM= 1.1A tp= 380
µs
Tj= 25
°CMAX
1.5
V
IDRM
IRRM
VD = VDRM
VR = VRRM
Tj= 25
°CMAX
10
µA
Tj= 110
°CMAX
0.1
mA
dV/dt *
VD=67%VDRM
Gate open
Tj= 110
°CMIN
10
V/
µs
(dV/dt)c *
(dI/dt)c = 0.35 A/ms
Tj= 110
°CMIN
1.5
V/
µs
* For either polarity of electrode A2 voltage with reference to electrode A1
ELECTRICAL CHARACTERISTICS
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
P(W)
α=180°
α=120°
α=90°
α=60°
α=30°
IT(RMS)(A)
180°
α
α
Fig 1: Maximum power dissipation versus RMS
on-state current.
0
102030405060708090 100 110
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
P(W)
Tlead (°C)
Rth(j-a)
Rth(j-l)
α=180°
110
50
70
90
Tamb(°C)
Fig 2: Correlation between maximum power dissi-
pation and maximum allowable temperatures
(Tamb and Tlead).
Z00607DA / Z00607MA
2/4
www.kersemi.com


Podobny numer części - Z00607DA1BA2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
logo
JIEJIE MICROELECTRONICS...
Z00607 JIEJIE-Z00607 Datasheet
353Kb / 4P
   0.8A TRIACs
logo
Unisonic Technologies
Z00607 UTC-Z00607 Datasheet
108Kb / 3P
   0.8A TRIACS
Z00607G-T92-B UTC-Z00607G-T92-B Datasheet
108Kb / 3P
   0.8A TRIACS
Z00607G-T92-B UTC-Z00607G-T92-B Datasheet
127Kb / 3P
   0.8A TRIAC
More results

Podobny opis - Z00607DA1BA2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com