Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC16T245DGVRG4 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części 74LVC16T245DGVRG4
Szczegółowy opis  16-bit Dual-Supply Bus Transceiver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC16T245DGVRG4 Arkusz danych(HTML) 4 Page - Texas Instruments

  74LVC16T245DGVRG4 Datasheet HTML 1Page - Texas Instruments 74LVC16T245DGVRG4 Datasheet HTML 2Page - Texas Instruments 74LVC16T245DGVRG4 Datasheet HTML 3Page - Texas Instruments 74LVC16T245DGVRG4 Datasheet HTML 4Page - Texas Instruments 74LVC16T245DGVRG4 Datasheet HTML 5Page - Texas Instruments 74LVC16T245DGVRG4 Datasheet HTML 6Page - Texas Instruments 74LVC16T245DGVRG4 Datasheet HTML 7Page - Texas Instruments 74LVC16T245DGVRG4 Datasheet HTML 8Page - Texas Instruments 74LVC16T245DGVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1DIR
1B1
1B2
GND
1B3
1B4
VCCB
1B5
1B6
GND
1B7
1B8
2B1
2B2
GND
2B3
2B4
VCCB
2B5
2B6
GND
2B7
2B8
2DIR
1OE
1A1
1A2
GND
1A3
1A4
VCCA
1A5
1A6
GND
1A7
1A8
2A1
2A2
GND
2A3
2A4
VCCA
2A5
2A6
GND
2A7
2A8
2OE
J
H
G
F
E
D
C
B
A
2
1
3
4
6
5
K
SN74LVC16T245
SCES636B – AUGUST 2005 – REVISED APRIL 2015
www.ti.com
6 Pin Configuration and Functions
DGG and DGV Packages
GQL and ZQL Packages
48-Pin TSSOP and TVSOP
56-Pin BGA
(Top View)
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DGG / DGV
GQL / ZQL
1A1
47
B5
I/O
Input/Output. Referenced to VCCA
1A2
46
B6
I/O
Input/Output. Referenced to VCCA
1A3
44
C5
I/O
Input/Output. Referenced to VCCA
1A4
43
C6
I/O
Input/Output. Referenced to VCCA
1A5
41
D5
I/O
Input/Output. Referenced to VCCA
1A6
40
D6
I/O
Input/Output. Referenced to VCCA
1A7
38
E5
I/O
Input/Output. Referenced to VCCA
1A8
37
E6
I/O
Input/Output. Referenced to VCCA
1B1
2
B2
I/O
Input/Output. Referenced to VCCB
1B2
3
B1
I/O
Input/Output. Referenced to VCCB
1B3
5
C2
I/O
Input/Output. Referenced to VCCB
1B4
6
C1
I/O
Input/Output. Referenced to VCCB
1B5
8
D2
I/O
Input/Output. Referenced to VCCB
1B6
9
D1
I/O
Input/Output. Referenced to VCCB
1B7
11
E2
I/O
Input/Output. Referenced to VCCB
1B8
12
E1
I/O
Input/Output. Referenced to VCCB
1DIR
1
A1
I
Direction-control signal
4
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC16T245


Podobny numer części - 74LVC16T245DGVRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LVC16T245DGVRG4 TI-74LVC16T245DGVRG4 Datasheet
428Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVC16T245DGVRG4 TI-74LVC16T245DGVRG4 Datasheet
469Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Podobny opis - 74LVC16T245DGVRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVCH16T245 TI1-SN74LVCH16T245_15 Datasheet
1,020Kb / 30P
[Old version datasheet]   16-bit Dual-supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
193Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74AVC16T245 TI-SN74AVC16T245 Datasheet
431Kb / 18P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER
SN74AVCH16T245 TI1-SN74AVCH16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT Datasheet
327Kb / 8P
   16-BIT DUAL SUPPLY BOLTAGE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com