Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC16T245DGVRG4 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części 74LVC16T245DGVRG4
Szczegółowy opis  16-bit Dual-Supply Bus Transceiver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC16T245DGVRG4 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button 74LVC16T245DGVRG4 Datasheet HTML 4Page - Texas Instruments 74LVC16T245DGVRG4 Datasheet HTML 5Page - Texas Instruments 74LVC16T245DGVRG4 Datasheet HTML 6Page - Texas Instruments 74LVC16T245DGVRG4 Datasheet HTML 7Page - Texas Instruments 74LVC16T245DGVRG4 Datasheet HTML 8Page - Texas Instruments 74LVC16T245DGVRG4 Datasheet HTML 9Page - Texas Instruments 74LVC16T245DGVRG4 Datasheet HTML 10Page - Texas Instruments 74LVC16T245DGVRG4 Datasheet HTML 11Page - Texas Instruments 74LVC16T245DGVRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
SN74LVC16T245
SCES636B – AUGUST 2005 – REVISED APRIL 2015
www.ti.com
7.4 Thermal Information
SN74LVC16T245
DL (SSOP)
DGG (TSSOP)
DGV
GQL / ZQL
THERMAL METRIC(1)
UNIT
(TVSOP)
(BGA)
48 PINS
48 PINS
48 PINS
56 PINS
RθJA
Junction-to-ambient thermal resistance
92.9
60
82.5
64.6
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
29.5
13.9
34.2
16.6
°C/W
RθJB
Junction-to-board thermal resistance
35.5
27.1
45.1
30.8
°C/W
ψJT
Junction-to-top characterization parameter
8.1
0.5
2.7
0.9
°C/W
ψJB
Junction-to-board characterization parameter
34.9
26.8
44.6
64.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
(1) (2)
TA = 25°C
TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
VCCA
VCCB
UNIT
MIN
TYP
MAX
MIN
MAX
IOH = –100 μA,
VI = VIH
1.65 V to 4.5 V
1.65 V to 4.5 V
VCCO – 0.1
IOH = –4 mA,
VI = VIH
1.65 V
1.65 V
1.2
VOH
IOH = –8 mA,
VI = VIH
2.3 V
2.3 V
1.9
V
IOH = –24 mA,
VI = VIH
3 V
3 V
2.4
IOH = –32 mA,
VI = VIH
4.5 V
4.5 V
3.8
IOL = 100 μA,
VI = VIL
1.65 V to 4.5 V
1.65 V to 4.5 V
0.1
IOL = 4 mA,
VI = VIL
1.65 V
1.65 V
0.45
VOL
IOL = 8 mA,
VI = VIL
2.3 V
2.3 V
0.3
V
IOL = 24 mA,
VI = VIL
3 V
3 V
0.55
IOL = 32 mA,
VI = VIL
4.5 V
4.5 V
0.55
Control
II
VI = VCCA or GND
1.65 V to 5.5 V
1.65 V to 5.5 V
±1
±2
μA
inputs
0 V
0 to 5.5 V
±1
±2
A or B
Ioff
VI or VO = 0 to 5.5 V
μA
port
0 to 5.5 V
0 V
±1
±2
A or B
VO = VCCO or GND,
IOZ
1.65 V to 5.5 V
1.65 V to 5.5 V
±1
±2
μA
port
OE = VIH
1.65 V to 5.5 V
1.65 V to 5.5 V
20
VI = VCCI or GND,
ICCA
5 V
0 V
20
μA
IO = 0
0 V
5 V
–2
1.65 V to 5.5 V
1.65 V to 5.5 V
20
VI = VCCI or GND,
ICCB
5 V
0 V
–2
μA
IO = 0
0 V
5 V
20
VI = VCCI or GND,
ICCA + ICCB
1.65 V to 5.5 V
1.65 V to 5.5 V
30
μA
IO = 0
One A port at VCCA – 0.6 V,
A port
50
DIR at VCCA, B port = open
ΔICCA
3 V to 5.5 V
3 V to 5.5 V
μA
DIR at VCCA – 0.6 V,
DIR
B port = open,
50
A port at VCCA or GND
One B port at VCCB – 0.6 V,
ΔICCB
B port
3 V to 5.5 V
3 V to 5.5 V
50
μA
DIR at GND, A port = open
Control
Ci
VI = VCCA or GND
3.3 V
3.3 V
4
5
pF
inputs
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
8
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC16T245


Podobny numer części - 74LVC16T245DGVRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LVC16T245DGVRG4 TI-74LVC16T245DGVRG4 Datasheet
428Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVC16T245DGVRG4 TI-74LVC16T245DGVRG4 Datasheet
469Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Podobny opis - 74LVC16T245DGVRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVCH16T245 TI1-SN74LVCH16T245_15 Datasheet
1,020Kb / 30P
[Old version datasheet]   16-bit Dual-supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
193Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74AVC16T245 TI-SN74AVC16T245 Datasheet
431Kb / 18P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER
SN74AVCH16T245 TI1-SN74AVCH16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT Datasheet
327Kb / 8P
   16-BIT DUAL SUPPLY BOLTAGE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com