Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAPA841 Arkusz danych(PDF) 1 Page - Axiomtek Co., Ltd.

Numer części CAPA841
Szczegółowy opis  1 DDR3L SO-DIMM supports up to 8 GB memory capacity
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AXIOMTEK [Axiomtek Co., Ltd.]
Strona internetowa  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CAPA841 Arkusz danych(HTML) 1 Page - Axiomtek Co., Ltd.

  CAPA841_16 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-boards
Slot CPU
Cards
ARM
Embedded
Boards
Accessories
Appendix
3
116
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Features
CAPA841
Intel® Atom™ Processor E3845/E3827
3.5" Embedded SBC with LVDS/VGA/HDMI,
Dual LANs and Audio
Intel® Atom™ processor E3845/E3827 (Bay Trail SoC)
1 DDR3L SO-DIMM supports up to 8 GB memory capacity
4 USB 2.0 ports
4 COM ports
2 PCI Express Mini Card and 1 SIM slot
2 Gigabit Ethernet ports
Display: LVDS/VGA/HDMI in dual view
I/O
Packing List
System
Display
CPU
Intel® Atom™ processor E3845 quad core or E3827 dual
core onboard (Bay Trail)
System Memory
1 x 204-pin DDR3L-1066/1333 SO-DIMM max. up to 8 GB
Chipset
SoC Integrated
BIOS
AMI
SSD
1 x CFast™
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x Full-size PCI Express Mini Card with mSATA
1 x Half-size PCI Express Mini Card
1 x SIM slot
Battery Lithium
Lithium 3V/220mAH
Power Input
2 x 2-pin connector
+12V DC-in only
AT Auto Power On function supported
Power Requirements
Intel® Atom™ E3845 @ 1.91 GHz, 8 GB DDR3L
Max. RMS: +12V @ 1.22A
Intel® Atom™ E3827 @ 1.75 GHz, 8 GB DDR3L
Max. RMS:+12V @ 0.96A
Size
146 x 104 mm
Board Thickness
1.6 mm
Temperature
-40°C ~ +80°C (-40°F ~ +176°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
MIO
2 x RS-232/422/485; with +5V/+12V powered
2 x RS-232; with +5V/+12V powered
SATA
1 x SATA-300
Hardware Monitoring
Detect CPU/system temperature and voltage
Ethernet
2 x 10/100/1000 Mbps supports Wake-on-LAN, PXE Boot
ROM with Intel® i210IT
Audio
HD Codec audio as MIC-in/Line-in/Line-out/Speaker out with
Realtek ALC662
USB
4 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
8 channels IN/OUT programmed
TPM
ST ST33TPM12LPC with TPM 1.2 compliant
Chipset
Intel® HD Graphics
Memory Size
Share System Memory
Display Interface
1 x VGA
1 x LVDS; 18/24-bit single/dual channel
1 x HDMI
Top view
Rear view
DDR3L SO-DIMM
SIM slot
Half-size PCI
Express Mini Card
Full-size PCI
Express Mini
Card w/mSATA
supported
CFast
COM 1
COM 2
USB 2.0 3/4
COM 3/4 LVDS
Audio
+12V DC Input
SATA
VGA
Ethernet
HDMI
Ethernet
USB 2.0 1/2
Standard
Quick installation guide, user's manual/utility CD, cable
Cable
Part Number
Description
Qty
59382620000E
1 x COM w/ bracket P=2.0 mm, L=300 mm
1
59384500100E
Audio cable w/ bracket P=2.0 mm, L=450 mm
1
59382631000E
2 x USB 2.0 wafer cable w/ bracket 180 mm
1
Optional
Part Number
Description
5078E841200E
Heatspreader
Ordering Information
Standard
CAPA841VHGGA-E3845
w/ET
(P/N:E38E841109)
3.5" embedded SBC with Intel® Atom™ E3845 (1.91 GHz,
2 MB Cache, 10W), VGA/LVDS/HDMI, 2 GbE LAN and audio
CAPA841VHGGA-E3827
w/ET
(P/N:E38E841110)
3.5" embedded SBC with Intel® Atom™ E3827 (1.75 GHz,
1 MB Cache, 8W), VGA/LVDS/HDMI, 2 GbE LAN and audio
Fanless
Low Power
CFastTM
Full Solid
Cap Design
AiRD
PCIe Mini
PCIe Mini
PCIe Mini
DualView
DDR3L
DDR3L
DDR3L


Podobny numer części - CAPA841_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
CAPA841 AXIOMTEK-CAPA841_14 Datasheet
660Kb / 1P
   2 PCI Express Mini Card
CAPA841 AXIOMTEK-CAPA841_17 Datasheet
376Kb / 1P
   1 DDR3L-1066/1333 SO-DIMM, up to 8GB
More results

Podobny opis - CAPA841_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
PICO880 AXIOMTEK-PICO880 Datasheet
237Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA848 AXIOMTEK-CAPA848 Datasheet
326Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO880 AXIOMTEK-PICO880_16 Datasheet
296Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA881 AXIOMTEK-CAPA881_16 Datasheet
322Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
NANO840 AXIOMTEK-NANO840 Datasheet
394Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA842 AXIOMTEK-CAPA842_16 Datasheet
348Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO840 AXIOMTEK-PICO840_16 Datasheet
384Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO880 AXIOMTEK-PICO880_14 Datasheet
505Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO843 AXIOMTEK-PICO843 Datasheet
402Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA840 AXIOMTEK-CAPA840 Datasheet
325Kb / 1P
   2 DDR3L SO-DIMM supports up to 8 GB memory capacity
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com