Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM470R1B1MHFQS Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części SM470R1B1MHFQS
Szczegółowy opis  16-/32-Bit RISC Flash Microcontroller
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SM470R1B1MHFQS Arkusz danych(HTML) 2 Page - Texas Instruments

  SM470R1B1MHFQS Datasheet HTML 1Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 2Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 3Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 4Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 5Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 6Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 7Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 8Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 79 page
background image
SM470R1B1M-HT
SPNS155I – SEPTEMBER 2009 – REVISED JUNE 2015
www.ti.com
1.2
Applications
Supports Extreme Temperature Applications:
Controlled Baseline
One Assembly/Test Site
One Fabrication Site
Available in Extreme (–55°C to 220°C)
Temperature Range (2)
Extended Product Life Cycle
Extended Product-Change Notification
Product Traceability
Texas Instruments' high temperature products
use highly optimized silicon (die) solutions with
design and process enhancements to
maximize performance over extended
temperatures.
(2)
Custom temperature ranges available
1.3
Description
The SM470R1B1M (3) devices are members of the Texas Instruments SM470R1x family of general-
purpose 16-/32-bit reduced instruction set computer (RISC) microcontrollers. The B1M microcontroller
offers high performance using the high-speed ARM7TDMI 16-/32-bit RISC central processing unit (CPU),
resulting in a high instruction throughput while maintaining greater code efficiency. The ARM7TDMI 16-
/32-bit RISC CPU views memory as a linear collection of bytes numbered upwards from zero. The
SM470R1B1M uses the big-endian format where the most significant byte of a word is stored at the lowest
numbered byte and the least significant byte of a word is stored at the highest numbered byte.
High-end embedded control applications demand more performance from their controllers while
maintaining low costs. The B1M RISC core architecture offers solutions to these performance and cost
demands while maintaining low power consumption.
The B1M devices contain the following:
ARM7TDMI 16-/32-bit RISC CPU
SM470R1x system module (SYS) with 470+ enhancements
1MB flash
64KB SRAM
ZPLL clock module
DWD timer
AWD timer
Enhanced RTI module
IEM
MSM
JTAG security module
Two SPI modules
Three SCI modules
Two HECC
Five I2C modules
10-bit MibADC, with 12 input channels
HET controlling 12 I/Os
ECP
(3)
Throughout the remainder of this document, the SM470R1B1M will be referred to as either the full device name or as B1M.
2
Device Overview
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: SM470R1B1M-HT


Podobny numer części - SM470R1B1MHFQS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM470R1B1MHFQS TI1-SM470R1B1MHFQS Datasheet
570Kb / 67P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
SM470R1B1MHFQS TI1-SM470R1B1MHFQS Datasheet
706Kb / 79P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
More results

Podobny opis - SM470R1B1MHFQS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com