Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD-101-AVR Arkusz danych(PDF) 1 Page - Axiomtek Co., Ltd.

Numer części LD-101-AVR
Szczegółowy opis  Industrial Open Frame LCD Monitor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AXIOMTEK [Axiomtek Co., Ltd.]
Strona internetowa  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

LD-101-AVR Arkusz danych(HTML) 1 Page - Axiomtek Co., Ltd.

  LD-101-AVR Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10.1" Industrial Open Frame LCD Monitor
Features
Flexible, low cost and high performance
For industrial, kiosk, gaming, digital signage application
10.1" WXGA TFT LCD display
VESA mount
Specifications
Size
10.1" (16:9)
Signal input
VGA, DVI-I
Backlight
LED (15K hr min)
OSD adjustment
Power, Enter, Left, Right, Auto
Panel type
IPS
DC connector
2.5mm diameter
Pixel pitch
0.1695x0.1695 mm
DC input
12 Vdc / 1A
Active area
216.96x135.6 mm
Consumption
12W
Brightness *
350 nits (max.)
Management
VESA DPMS
Contrast
800 : 1
Mounting
75x75mm VESA mount
Viewing angle
85/85/85/85 degree
Dimension
265 (W) x 145.5 (H) x 39 (D) mm
Resolution
1280 x 800
Net weight
Display color
16.7M (8 bit)
Packing
Response time
Tr/Tf=11/5 mS
Carton size
Hor. frequency
30 ~ 56 KHz
Container loading
Ver. frequency
60/70 Hz
Operation **
-20 ~ 70 degree C
Pixel rate
75 MHz
Storage
-30 ~ 80 degree C
* Different brightness is per customer's request
** Temperature of LCD surface
** Different temperature range is on demand.
Ordering information
Model selection
X: Panel selection
Y: Input selection
Z: Touch selection
0:
Standard, chosen
0:
Standard, VGA/DVI
0:
Standard, none
A:
Specified LCD
V:
VGA only
G: Glass
B:
Specified LCD
H: VGA/DVI/HDMI
R: Resitive
…etc. Specified LCD
P:
DVI/HDMI/DP
C: Surface capacitive
S:
VGA/DVI/S-video
P:
Projective capacitive
I :
IR
S:
SAW
Optional accessories
* Power adapter
100 ~ 240 Vac adapter with 12Vdc / 3A o/p
* Power cord
1.8M power cord, US / EU
* Signal cable
1.8M VGA cable, 1.8M DVI cable
Product drawing
* All specification and photos are subject to change without notice.
LD-101-XYZ
LD-101
LCD panel *
Power
Package
Video
Temperature


Podobny numer części - LD-101-AVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
LD-101 ROHM-LD-101 Datasheet
55Kb / 2P
   Flat displays
More results

Podobny opis - LD-101-AVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
LD-550 AXIOMTEK-LD-550 Datasheet
116Kb / 1P
   55 Industrial Open Frame LCD Monitor
LD-104 AXIOMTEK-LD-104 Datasheet
126Kb / 1P
   10.4 Industrial Open Frame LCD Monitor
LD-170 AXIOMTEK-LD-170 Datasheet
132Kb / 1P
   17 Industrial Open Frame LCD Monitor
LD-185 AXIOMTEK-LD-185 Datasheet
135Kb / 1P
   18.5 Industrial Open Frame LCD Monitor
LD-190 AXIOMTEK-LD-190 Datasheet
133Kb / 1P
   19 Industrial Open Frame LCD Monitor
LD-270 AXIOMTEK-LD-270 Datasheet
117Kb / 1P
   27 Industrial Open Frame LCD Monitor
LD-084 AXIOMTEK-LD-084 Datasheet
198Kb / 1P
   8.4 Industrial Open Frame LCD Monitor
LD-150 AXIOMTEK-LD-150 Datasheet
132Kb / 1P
   15 Industrial Open Frame LCD Monitor
LD-215 AXIOMTEK-LD-215 Datasheet
133Kb / 1P
   21.5 Industrial Open Frame LCD Monitor
LD-121 AXIOMTEK-LD-121 Datasheet
129Kb / 1P
   12.1 Industrial Open Frame LCD Monitor
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com